Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5297 Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME5297
Descripción Electrónicos  Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5297 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME5297 Datasheet HTML 1Page - Analog Microelectronics AME5297 Datasheet HTML 2Page - Analog Microelectronics AME5297 Datasheet HTML 3Page - Analog Microelectronics AME5297 Datasheet HTML 4Page - Analog Microelectronics AME5297 Datasheet HTML 5Page - Analog Microelectronics AME5297 Datasheet HTML 6Page - Analog Microelectronics AME5297 Datasheet HTML 7Page - Analog Microelectronics AME5297 Datasheet HTML 8Page - Analog Microelectronics AME5297 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME
1
AME5297
Rev. A.05
3A, 18V, 500KHz Synchronous
Step-DownDC/DC Converter
n
Typical Application
n
General Description
The AME5297 is a high frequency synchronous
stepdown DC-DC converter with built internal power
MOSFETs. That provides wide 4.5V to 18V input voltage
range and 3A continuous load current capability. The
AME5297 has synchronous mode operation for higher
efficiency over output current load range.
The AME5297 is current mode control scheme which
provides fast transient reponse. Internal compensation
function.
n
Features
l
Wide 4.5V to 18V Operating Input Range
l
80m
Ω/30mΩ Low R
DS(ON) internal Power
MOSFETs
l
Proprietary Switching Loss Reduction Techn
-ique
l
High Efficiency Synchronous Mode Operation
l
Fixed 500KHz Switching Frequency
l
External Programmable Soft Start
l
OCP and Hiccup
l
Thermal Shutdown
l
Output Adjustable from 0.8V
l
RoHS Compliant and Halogen Free
n
Application
l
Notebook Systems and I/O Power
l
Digital Set Top Boxes
l
LCD Display, TV
l
Networking, XDSL Modem
VCC
BST
IN
FB
SS
EN/SYNC
SW
GND
AME5297
C4
0.1uF
R3
33K
C1
22uF
25V
VIN 4.5-18V
L1
4.7uH
C2
47uF
R1
40.2K
R2
13K
VOUT
3.3V 3A
C3
1uF
EN
C4
22nF
R4
10


Número de pieza similar - AME5297

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5296 AME-AME5296 Datasheet
695Kb / 14P
   Step Down DC/DC Converter
More results

Descripción similar - AME5297

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com