Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4069 Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza CD4069
Descripción Electrónicos  INVERTER CIRCUITS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069 Datasheet(HTML) 5 Page - Unisonic Technologies

  CD4069_15 Datasheet HTML 1Page - Unisonic Technologies CD4069_15 Datasheet HTML 2Page - Unisonic Technologies CD4069_15 Datasheet HTML 3Page - Unisonic Technologies CD4069_15 Datasheet HTML 4Page - Unisonic Technologies CD4069_15 Datasheet HTML 5Page - Unisonic Technologies CD4069_15 Datasheet HTML 6Page - Unisonic Technologies CD4069_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CD4069
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-020.D
AC TEST CIRCUITS AND SWITCHING TIME WAVEFORMS
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
50%
10%
tR=tF=20ns
t THL
tTLH
tPLH
tF
tR
VDD
VSS
VDD
VSS
OUTPUT
INPUT
tPHL


Número de pieza similar - CD4069_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
More results

Descripción similar - CD4069_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
   Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
   INVERTER CIRCUITS
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
   Inverter Circuits
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
   Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
   INVERTER CIRCUITS
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com