Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA7524 Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza UA7524
Descripción Electrónicos  POWER FACTOR CORRECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA7524 Datasheet(HTML) 5 Page - Unisonic Technologies

  UA7524_15 Datasheet HTML 1Page - Unisonic Technologies UA7524_15 Datasheet HTML 2Page - Unisonic Technologies UA7524_15 Datasheet HTML 3Page - Unisonic Technologies UA7524_15 Datasheet HTML 4Page - Unisonic Technologies UA7524_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UA7524
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R114-002.Ea
APPLICATION CIRCUIT
H
N
F.G
5
7
2
1
4
8
3
6
2A
TNR
C1
L1
R3
C2
C4
C3
NTC
R1
R4
D1
R5
C5
T1
Q1
D2
R6
R7
R8
R9
R10
R11
R12
VR1
C6 C7
R2
C10
C11
T2
DIAC
D9
Q2
D6
D4
R19
D8
C15
C13
C12
D7
C14
L2
L3
D5
Q3
D3
R17
R16
T2
R14
BDI
R18
T2
C9
C8
R13
PART LIST
RESISTOR
CAPACITOR
SEMICONDUCTOR
MAGNETICS
R1
1.8M
C1
0.1
μF
IC1
UTC UA7524
T1 E1-25(PC30):P=70T,S=4T,Gap=0.5mm
R2
10K
C2
0.1
μF
Q1
IRF830
T2 D15(GP-5):P=3T,S=13T
R3
100K
C3
4700pF
Q2
2SC5039
L1 EE-25(Iron Power),80mH
R4
3.3Ω
C4
4700pF
Q3
2SC5039
L2 EI-25(PC30):150T,Gap=0.4mm
R5
22K
C5
0.1
μF
D1
1N4004
R7
2.2K
C6
0.01
μF
D2
1N4937
R8
2.2M
C7
100
μF
D3
1N4148
R9
150K
C8
0.1
μF
D4
1N4148
R10
330Ω
C9
3300pF
D5
FR107
R11
0.75Ω
C10
47
μF/450V
D6
FR107
R12
5.1K
C11
0.1
μF
D7
FR107
R13
1M
C12
3300pF
D8
FR107
R14
390K
C13
3300pF
BD1
PBP204
R15
3.9M
C14
0.01
μF
TNR
12G471
R16
5.1
Ω
C15
0.01
μF
DIAIC
32V
R17
27
Ω
R18
5.1
Ω
R19
27
Ω
VR1
5K
NTC
10
Ω
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Número de pieza similar - UA7524_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UA7524G-D08-T UTC-UA7524G-D08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524G-S08-R UTC-UA7524G-S08-R Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524G-S08-T UTC-UA7524G-S08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524L-D08-T UTC-UA7524L-D08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524L-S08-R UTC-UA7524L-S08-R Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
More results

Descripción similar - UA7524_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com