Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX807NCWE Datasheet(PDF) 12 Page - Maxim Integrated Products

No. de pieza MAX807NCWE
Descripción Electrónicos  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX807NCWE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX807NCWE Datasheet HTML 8Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 9Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 10Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 11Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 12Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 13Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 14Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 15Page - Maxim Integrated Products MAX807NCWE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Power-Fail Comparator
PFI is the noninverting input to an uncommitted com-
parator. If PFI is less than VPFT (2.265V), PFO goes low.
The power-fail comparator is intended to monitor the
preregulated input of the power supply, providing an
early power-fail warning so software can conduct an
orderly shutdown. It can also be used to monitor sup-
plies other than 5V. Set the power-fail threshold with a
resistor-divider, as shown in Figure 10.
Power-Fail Input
PFI is the input to the power-fail comparator. The typical
comparator delay is 14µs from VIL to VOL (power failing),
and 32µs from VIH to VOH (power being restored). If
unused, connect this input to ground.
Power-Fail Output
The Power-Fail Output (PFO) goes low when PFI goes
below VPFT. It typically sinks 3.2mA with a saturation
voltage of 0.1V. With PFI above VPFT, PFO is actively
pulled to VCC. Connecting PFI through a voltage-
divider to a preregulated supply allows PFO to gener-
ate an NMI as the preregulated power begins to fall
(Figure 11b). If the preregulated supply is inaccessible,
use LOW LINE to generate the NMI (Figure 11a). The
LOW LINE threshold is typically 52mV above the reset
threshold (see the Low-Line Comparator section).
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
12
______________________________________________________________________________________
MAX807
VCC
GND
PFI
PFO
R1
R2
VIN
0V
VIN
PFO
VTRIP
VL
VPFT = 2.265V
VPFH = 20mV
WHERE
VTRIP = R2
+
R1
1
)
(
R2
1
R1
VCC
(VPFT + VPFH)
VL = R2
+
R1
1
)
(
R2
1
R1
VCC
(VPFT)
NOTE: VTRIP, VL ARE NEGATIVE.
VCC
MAX807
VCC
GND
PFI
PFO
R1
R2
PFO
VTRIP
VH
VIN
VTRIP =
)
(
R2
R1
+ R2
VPFT
VH = (VPFT + VPFH)
VCC
VIN
MR
b)
a)
)
(
R2
R1
+ R2
MAX807
OUT
VCC
FROM
REGULATED
SUPPLY
POWER TO
CMOS RAM
BATT
RESET
LOW LINE
WDI
GND
RESET
NMI
I/O LINE
µP
µP POWER
0.1
µF
0.1
µF
2.8V
a)
b)
MAX807
OUT
VCC
PFI
POWER TO
CMOS RAM
BATT
RESET
PFO
WDI
GND
VOLTAGE
REGULATOR
RESET
NMI
I/O LINE
µP
µP POWER
0.1
µF
0.1
µF
2.8V
Figure 10. Using the Power-Fail Comparator to Monitor an Additional Power Supply: a) VIN is Negative, b) VIN is Positive
Figure 11. a) If the preregulated supply is inaccessible, LOW
LINE generates the NMI for the µP. b) Use PFO to generate the
µP NMI if the preregulated supply is accessible.


Número de pieza similar - MAX807NCWE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX800 MAXIM-MAX800 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800L MAXIM-MAX800L Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCSE MAXIM-MAX800LCSE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Descripción similar - MAX807NCWE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com