Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA4122 Datasheet(PDF) 1 Page - Solid State Optronic

No. de pieza SMA4122
Descripción Electrónicos  DC MOSFET Output Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMA4122 Datasheet(HTML) 1 Page - Solid State Optronic

  SMA4122 Datasheet HTML 1Page - Solid State Optronic SMA4122 Datasheet HTML 2Page - Solid State Optronic SMA4122 Datasheet HTML 3Page - Solid State Optronic SMA4122 Datasheet HTML 4Page - Solid State Optronic SMA4122 Datasheet HTML 5Page - Solid State Optronic SMA4122 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SMA4122
Rev 2.00 (11/25/2013)
001753
Page 1 of 6
SMA4122
1 Form A
100V / 30mΩ
DC MOSFET Output Solid State Relay
Description
The SMA4122 is a DC, single-pole, single-throw, normally
open solid-state relay in a 4 pin single inline package. The
relay consists of an AlGaAs LED, optically coupled to a
high performance Photo Diode Array (PDA), which in turn
drives a low on-resistance, rugged source-to-source
enhancement type DMOS transistor output. The SMA4122
has an extremely low on resistance of 15m
 (TYP) and a
very high continuous load current rating of up to 6 amps.
The combination of low on-resistance, small package
outline and high load current capabilities make the
SMA4122 a unique, unparalleled solid state relay.
The SMA4122 comes standard in a 4 pin SIP package.
Schematic Diagram
Agency Approvals
UL:
File # E201932
C-UL:
File # E201932
Applications
Reed Relay / EMR Replacement
Meter reading systems
Data Acquisition
Medical Equipment
Battery Monitoring
Home/Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Total Power Dissipation ……………………………..…..1.2W
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SMA4122
4 pin SIP, (25/Tube)
SMA4122-H
5kVRMS VISO, 4 pin SIP, (25/Tube)
Features
100VDC Blocking Voltage
Extremely Low On Resistance (15m
 TYP)
High Continuous Load Current (6 Amps)
High Input-to-Output Isolation ( up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification


Número de pieza similar - SMA4122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
   High Load Current (1A MAX Continuous)
More results

Descripción similar - SMA4122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
   DC Output Solid State Relay
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
   DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
   DC Output Solid State Relay
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
   DC Output Solid State Relay
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com