Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD3061 Datasheet(PDF) 7 Page - Solid State Optronic

No. de pieza TD3061
Descripción Electrónicos  Trigger Current (15mA MAX)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3061 Datasheet(HTML) 7 Page - Solid State Optronic

  TD3061 Datasheet HTML 1Page - Solid State Optronic TD3061 Datasheet HTML 2Page - Solid State Optronic TD3061 Datasheet HTML 3Page - Solid State Optronic TD3061 Datasheet HTML 4Page - Solid State Optronic TD3061 Datasheet HTML 5Page - Solid State Optronic TD3061 Datasheet HTML 6Page - Solid State Optronic TD3061 Datasheet HTML 7Page - Solid State Optronic TD3061 Datasheet HTML 8Page - Solid State Optronic TD3061 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 7 of 9
TD3061 /H/S/TR
Rev 2.00 (11/12/2013)
001677
TD3061
Zero Volt Switching
600V
Triac Driver
TD3061 Package Dimensions
6 PIN SMD Surface Mount Package (-S)
Note: All dimensions in millimeters with inches [“] in parenthesis ()


Número de pieza similar - TD3061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
More results

Descripción similar - TD3061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
logo
Maxim Integrated Produc...
MAX6279EVKIT MAXIM-MAX6279EVKIT Datasheet
818Kb / 4P
   Wide Operating Current Range: 60μA to 15mA
Rev 0; 10/18
logo
Linear Technology
LTC1875 LINER-LTC1875 Datasheet
257Kb / 20P
   15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
logo
New Jersey Semi-Conduct...
2N6068 NJSEMI-2N6068 Datasheet
84Kb / 1P
   PEEK GATE TRIGGER CURRENT
logo
SemiHow Co.,Ltd.
BT134-600 SEMIHOW-BT134-600 Datasheet
551Kb / 6P
   Sensitive Gate Trigger Current
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
   30V,15mA Detection Applications
logo
SUNMATE electronic Co.,...
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
logo
Mallory Sonalert Produc...
ZA028MDMT2 MSPI-ZA028MDMT2 Datasheet
133Kb / 1P
   Current Draw: 40mA MAX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com