Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP70-03_N Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BAP70-03_N
Descripción Electrónicos  Silicon PIN diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP70-03_N Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP70-03_N_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002 Jun 26
3
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP70-03
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
120
K/W
GRAPHICAL DATA
1
10
100
1000
0.1
1
10
100
IF (mA)
r
D
(
Ω)
Fig.2
Forward resistance as a function of forward
current; typical values.
f = 100 MHz; Tj =25 °C.
0
100
200
300
400
500
600
0
5
10
15
20
VR (V)
Cd
(fF)
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f= 1MHz; Tj =25 °C.


Número de pieza similar - BAP70-03_N_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BAP70-03_N_2015 JMNIC-BAP70-03_N_2015 Datasheet
51Kb / 6P
   Silicon PIN diode
More results

Descripción similar - BAP70-03_N_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com