Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4066B-Q1 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CD4066B-Q1
Descripción Electrónicos  CMOS QUAD BILATERAL SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4066B-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  CD4066B-Q1_15 Datasheet HTML 1Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 2Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 3Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 4Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 5Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DC supply-voltage range, VDD (voltages referenced to VSS terminal)
–0.5 to 20
V
Input voltage range, Vis (all inputs)
–0.5 to VDD + 0.5
V
DC input current, IIN (any one input)
±10
mA
Package thermal impedance,
θJA
(2)
D package
86
°C/W
Human-Body Model (HBM)
500
ESD Electrostatic discharge(3)
Machine Model (MM)
150
V
Field_Induced_Charged Device Model (CDM)
1000
Lead temperature (during soldering): At distance 1/16
± 1/32 inch (1,59 ± 0,79 mm) from case for 10 s max
265
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
Tested in accordance with AEC-Q100.
THERMAL INFORMATION
CD4066B-Q1
THERMAL METRIC(1)
D PACKAGE
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance
92.4
θJCtop
Junction-to-case (top) thermal resistance
52.5
θJB
Junction-to-board thermal resistance
46.7
°C/W
ψJT
Junction-to-top characterization parameter
46.4
ψJB
Junction-to-board characterization parameter
46.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
18
V
TA
Operating free-air temperature
–40
125
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CD4066B-Q1


Número de pieza similar - CD4066B-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Descripción similar - CD4066B-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com