Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3113D2 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPA3113D2
Descripción Electrónicos  6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3113D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3113D2_15 Datasheet HTML 7Page - Texas Instruments TPA3113D2_15 Datasheet HTML 8Page - Texas Instruments TPA3113D2_15 Datasheet HTML 9Page - Texas Instruments TPA3113D2_15 Datasheet HTML 10Page - Texas Instruments TPA3113D2_15 Datasheet HTML 11Page - Texas Instruments TPA3113D2_15 Datasheet HTML 12Page - Texas Instruments TPA3113D2_15 Datasheet HTML 13Page - Texas Instruments TPA3113D2_15 Datasheet HTML 14Page - Texas Instruments TPA3113D2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G033
VCC = 12 V
VCC = 18 V
Gain = 20 dB
LC Filter = 22
µH + 0.68 µF
RL = 6 Ω
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G020
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G032
VCC = 12 V
VCC = 24 V
Gain = 20 dB
LC Filter = 22
µH + 0.68 µF
RL = 8 Ω
VCC = 18 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G019
VCC = 12 V
VCC = 18 V
Gain = 20 dB
ZL = 6 Ω + 47 µH
TPA3113D2
www.ti.com
SLOS650E – AUGUST 2009 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3113D2 EVM which is
available at ti.com.)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL with LC FILTER)
OUTPUT POWER (BTL)
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed lines represent thermally limited region.
Figure 18.
Figure 19.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL with LC FILTER)
OUTPUT POWER (BTL)
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed line represents thermally limited region.
Figure 20.
Figure 21.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA3113D2


Número de pieza similar - TPA3113D2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results

Descripción similar - TPA3113D2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com