Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL072L-P08-T Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza TL072L-P08-T
Descripción Electrónicos  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-P08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  TL072L-P08-T Datasheet HTML 1Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 2Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 3Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 4Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 5Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 6Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 7Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 8Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R105-004,F
ELECTRICAL CHARACTERISTICS
(VCC=±15V, Ta=25°C, TMIN=0°C, TMAX=70°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Ta=25
°C
3
10
mV
Input Offset Voltage
VI(OFF)
Rs=50
TMIN≦Ta≦TMAX
13
mV
Temperature Coefficient of Input
Offset Voltage
∆VI(OFF)
Rs=50
10
µV/°C
Ta=25
°C
5
100
pA
Input Offset Current*
II(OFF)
TMIN≦Ta≦TMAX
10
nA
Ta=25
°C
20
200
pA
Input Bias Current*
II(BIAS)
TMIN≦Ta≦TMAX
20
nA
Input Common Mode Voltage
VI(CM)
±11
-12~+1
5
V
RL=2kΩ
10
12
V
RL=10kΩ
Ta=25
°C
12
13.5
V
RL=2kΩ
10
V
Output Voltage Swing
VO(SW)
RL=10kΩ
TMIN≦Ta≦TMAX
12
V
Ta=25
°C
25
200
V/mV
Large Signal Voltage Gain
Avd
RL=10kΩ,
VOUT=±10V
TMIN≦Ta≦TMAX
15
V/mV
Gain Bandwidth Product
GBW
Ta=25
°C, RL=10kΩ, CL=100pF
2.5
4
MHz
Input Resistance
RIN
10
12
Ta=25
°C
70
86
dB
Common Mode Rejection Ratio
CMR
RS=50Ω
TMIN≦Ta≦TMAX
70
dB
Ta=25
°C
70
86
dB
Supply Voltage Rejection Ratio
SVR
RS=50Ω
TMIN≦Ta≦MAX
70
dB
Ta=25
°C
1.4
2.5
mA
Supply Current
ICC
No load
TMIN≦Ta≦TMAX
2.5
mA
Channel Separation
V01/V02
Gv=100
120
dB
Ta=25
°C
10
40
60
mA
Output Short-circuit Current
Ios
TMIN≦Ta≦TMAX
10
60
mA
Slew Rate
SR
VIN=10V, RL=2kΩ, CL=100pF, unity
gain
8
16
V/
µs
Rise Time
tR
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
0.1
µs
Overshoot Factor
Kov
VIN=20mV,RL=2kΩ,CL=100pF,
unity gain
10
%
Total Harmonic Distortion
THD
Gv=20dB, f=1kHz, RL=2kΩ,
CL=100pF, VOUT=2Vpp
0.01
%
Phase Margin
φm
45
Degre
es
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
15
nV
Hz
*The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in the
junction temperature.


Número de pieza similar - TL072L-P08-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TL072L-P08-T UTC-TL072L-P08-T Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

Descripción similar - TL072L-P08-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com