Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4730 Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza 1N4730
Descripción Electrónicos  1.0 Watt Zener Diode 3.3 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4730 Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4730 Datasheet HTML 1Page - Micro Commercial Components 1N4730 Datasheet HTML 2Page - Micro Commercial Components 1N4730 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4728 ... 1N4764
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
www.mccsemi.com
MCC
1N4728 thru 1N4764
Version: 3
2003/01/22


Número de pieza similar - 1N4730

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N4730 SURGE-1N4730 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4730 SSC-1N4730 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4730 DGNJDZ-1N4730 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4730 SEMTECH-1N4730 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4730 DIOTECH-1N4730 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Descripción similar - 1N4730

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
1N4736AP MCC-1N4736AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com