Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF992 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF992
Descripción Electrónicos  Silicon N-channel dual gate MOS-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF992 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF992_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NXP Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
THERMAL CHARACTERISTICS
Note
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =10V; VG2-S = 4 V; ID = 15 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
note 1
460
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-SS = ±10 mA
8
20
V
±V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-SS = ±10 mA
8
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS = 10 V; ID =20 µA
0.2
1.3
V
−V
(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS = 10 V; ID =20 µA
0.2
1.1
V
±I
G1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S = ±7V
25
nA
±I
G2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S = ±7V
25
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
20
25
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
4
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.7
pF
Cos
output capacitance
f = 1 MHz
2
pF
Crs
reverse transfer capacitance
f = 1 MHz
30
40
fF
F
noise figure
f = 200 MHz; GS =2mS
1.2
dB
Rev. 04 - 21 November 2007
4 of 9


Número de pieza similar - BF992_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF992_2015 JMNIC-BF992_2015 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
More results

Descripción similar - BF992_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com