Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLZ5.6B Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza DLZ5.6B
Descripción Electrónicos  500 mW Zener Diode 3.725 to 36.275 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLZ5.6B Datasheet(HTML) 2 Page - Micro Commercial Components

  DLZ5.6B Datasheet HTML 1Page - Micro Commercial Components DLZ5.6B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS @25°C
ZENER VOLTAGE
VZ
VOLTS
Operating Resistance
ZZ(OHMS)
Rising Operating Resistance
ZZK (OHMS)
REVERSE CURRENT
IR (Max)
@
VR
Type
Min.
Max.
IZ(mA)
Max.
IZ(mA)
Max.
IZ(mA)
µA
VOLTS
DLZ3.6B
3.600
3.845
20
60
20
1000
1.0
10
1.0
DLZ3.9B
3.89
4.16
20
50
20
1000
1.0
5.0
1.0
DLZ4.3B
4.17
4.43
20
40
20
1000
1.0
5.0
1.0
DLZ4.7B
4.55
4.80
20
25
20
900
1.0
5.0
1.0
DLZ5.1B
4.94
5.20
20
20
20
800
1.0
5.0
1.5
DLZ5.6B
5.45
5.73
20
13
20
500
1.0
5.0
2.5
DLZ6.2B
5.96
6.27
20
10
20
300
1.0
5.0
3.0
DLZ6.8B
6.49
6.83
20
8.0
20
150
0.5
2.0
3.5
DLZ7.5B
7.07
7.45
20
8.0
20
120
0.5
0.5
4.0
DLZ8.2B
7.78
8.19
20
8.0
20
120
0.5
0.5
5.0
DLZ9.1B
8.57
9.01
20
8.0
20
120
0.5
0.5
6.0
DLZ10B
9.41
9.90
20
8.0
20
120
0.5
0.2
7.0
DLZ11B
10.50
11.05
10
10
10
120
0.5
0.2
8.0
DLZ12B
11.44
12.03
10
12
10
110
0.5
0.2
9.0
DLZ13B
12.55
13.21
10
14
10
110
0.5
0.2
10
DLZ15B
13.89
14.62
10
16
10
110
0.5
0.2
11
DLZ16B
15.25
16.04
10
18
10
150
0.5
0.2
12
DLZ18B
16.82
17.70
10
23
10
150
0.5
0.2
13
DLZ20B
18.63
19.59
10
28
10
200
0.5
0.2
15
DLZ22B
20.64
21.71
5.0
30
5.0
200
0.5
0.2
17
DLZ24B
22.61
23.77
5.0
35
5.0
200
0.5
0.2
19
DLZ27B
24.97
26.26
5.0
45
5.0
250
0.5
0.2
21
DLZ30B
27.70
29.13
5.0
55
5.0
250
0.5
0.2
23
DLZ33B
30.32
31.88
5.0
65
5.0
250
0.5
0.2
25
DLZ36B
32.79
34.49
5.0
75
5.0
250
0.5
0.2
27
DLZ39B
35.36
37.19
5.0
85
5.0
250
0.5
0.2
30
www.mccsemi.com
MCC
DLZ3.6B thru DLZ39B


Número de pieza similar - DLZ5.6B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
DLZ5.6B MCC-DLZ5.6B Datasheet
224Kb / 4P
   500 mW Zener Diode 3.46 to 38.52 Volts
More results

Descripción similar - DLZ5.6B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com