Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


1N4448 Datasheet(Hoja de datos) 1 Page - HY ELECTRONIC CORP.

No. de Pieza. 1N4448
Descripción  Surface Mount Package Ideally Suited For Automatic Insertion
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo 

   
 1 page
background image
FEATURES
● Fast switching Speed.
● Surface Mount Package Ideally Suited For Automatic Insertion.
● Silicon Epitaxal Planar Construction.
● Lead free in comply with EU RoHS 2011/65/EU directives.
MECHANICAL DATA
● Case : Molded Glass DO-35
● Terminals : Solderable per MIL-STD-750, Method 2026
● Approx. Weight : 0.13 grams
● Ordering information : Suffix : “ -35 ” to order DO-35 Package
Absolute Maximum Ratings (Ta = 25℃
℃)
Parameter
Symbol
Unit
Peak Reverse Voltage
VRM
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Current TA=25℃ And f≥50Hz
IAV
mA
Surge Forward Current (at t <1 s and TJ=25℃)
IFSM
mA
Power Dissipation at TA=25℃
PTOT
mW
Maximum Forward Voltage at IF=100mA
VF
V
Maximum Leakage Current at VR=20V
nA
at V R=20V
uA
Maximum Capacitance at VF=VR=0
CJ
pF
Reverse Recovery Time
@ IF= IR= 10mA, IRR=-1mA, VR=6V, RL= 100 Ω
trr
ns
Typical Maximum Thermal Resistance
RθJA
℃/W
Junction Temperature
Tj
Storage Temperature Range
Tstg
NOTE: 1.CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA,VR=6Volts,RL=100
3.The typical data above is for reference only(典型值仅供参考).
REV. 1, 6-Aug-2015
4
350
-65 to +175
-65 to +175
IR
25
50
4
150
500
500
1
Dimensions in inches and (millimeters)
Value
100
75
1N4448
FAST SWITCHING SURFACE MOUNT
DIODES
VOLTAGE
- 100 Volts
POWER
- 500 mW
DO-35




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl