Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD87588N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD87588N
Descripción Electrónicos  CSD87588N Synchronous Buck NexFET Power Block II
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD87588N Datasheet(HTML) 4 Page - Texas Instruments

  CSD87588N Datasheet HTML 1Page - Texas Instruments CSD87588N Datasheet HTML 2Page - Texas Instruments CSD87588N Datasheet HTML 3Page - Texas Instruments CSD87588N Datasheet HTML 4Page - Texas Instruments CSD87588N Datasheet HTML 5Page - Texas Instruments CSD87588N Datasheet HTML 6Page - Texas Instruments CSD87588N Datasheet HTML 7Page - Texas Instruments CSD87588N Datasheet HTML 8Page - Texas Instruments CSD87588N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CSD87588N
SLPS384D – MARCH 2013 – REVISED APRIL 2015
www.ti.com
5.4 Power Block Performance
TA = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 12 V, VGS = 5 V
VOUT = 1.3 V, IOUT = 15 A
PLOSS
Power Loss(1)
2.1
W
ƒSW = 500 kHz
LOUT = 0.29 µH, TJ = 25ºC
TG to TGR = 0 V
IQVIN
VIN Quiescent Current
10
µA
BG to PGND = 0 V
(1)
Measurement made with six 10 µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5 V driver IC.
5.5 Electrical Characteristics
TA = 25°C (unless otherwise stated)
Q1 FET
Q2 FET
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
30
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20
100
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
1.1
1.9
1.1
1.9
V
VGS = 4.5 V, IDS = 15 A
10.4
12.5
3.5
4.2
RDS(on)
Drain-to-Source On Resistance
m
VGS = 10 V, IDS = 15 A
8
9.6
2.9
3.5
gƒs
Transconductance
VDS = 10 V, IDS = 15 A
43
93
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance (1)
566
736
2310
3000
pF
VGS = 0 V, VDS = 15 V,
COSS
Output Capacitance (1)
341
444
682
887
pF
ƒ = 1 MHz
CRSS
Reverse Transfer Capacitance (1)
10.3
13.4
62
80.4
pF
RG
Series Gate Resistance (1)
1.2
2.4
1.1
2.2
Ω
Qg
Gate Charge Total (4.5 V) (1)
3.2
4.1
13.7
17.9
nC
Qgd
Gate Charge - Gate-to-Drain
0.7
4.3
nC
VDS = 15 V,
IDS = 15 A
Qgs
Gate Charge - Gate-to-Source
1.4
4.3
nC
Qg(th)
Gate Charge at Vth
0.8
2.8
nC
QOSS
Output Charge
VDD = 12 V, VGS = 0 V
7
18.6
nC
td(on)
Turn On Delay Time
7.3
12.1
ns
tr
Rise Time
31.6
36.7
ns
VDS = 15 V, VGS = 4.5 V,
IDS = 15 A, RG = 2 Ω
td(off)
Turn Off Delay Time
10.2
20.1
ns
tƒ
Fall Time
5.0
6.3
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IDS = 15 A, VGS = 0 V
0.85
0.78
V
Qrr
Reverse Recovery Charge
12.5
26.7
nC
Vdd = 15 V, IF = 15 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
16
23
ns
(1)
Specified by design
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated


Número de pieza similar - CSD87588N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87588N TI-CSD87588N Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
More results

Descripción similar - CSD87588N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
994Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
[Old version datasheet]   CSD87384M Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P_15 Datasheet
998Kb / 25P
[Old version datasheet]   CSD87381P Synchronous Buck NexFET??Power Block II
CSD87384M TI-CSD87384M_15 Datasheet
972Kb / 23P
[Old version datasheet]   CSD87384M Synchronous Buck NexFET??Power Block II
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com