Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y12-100E Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BUK9Y12-100E
Descripción Electrónicos  N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y12-100E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK9Y12-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 11Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 12Page - NXP Semiconductors BUK9Y12-100E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK9Y12-100E
N-channel 100 V, 12 mΩ logic level MOSFET in LFPAK56
BUK9Y12-100E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
9 May 2013
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT669
MO-235
sot669_po
11-03-25
13-02-27
Unit(1)
mm
max
nom
min
1.20
1.01
0.15
0.00
0.25
0.50
0.35
4.41
3.62
2.2
2.0
6.2
5.8
0.85
0.40
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
Plastic single-ended surface-mounted package (LFPAK56; Power-SO8); 4 leads
SOT669
A1
A2
1.10
0.95
A3
b
b2
b3
0.1
L2
w
y
8°
0°
θ
b4
c
c2 D(1) D1(1) E(1) E1(1)
3.3
3.1
e
1.27
H
L
0.25
0.19
0.30
0.24
4.20
1.3
0.8
0.25
0.9
0.7
4.10
3.80
5.0
4.8
1.3
0.8
L1
A
C
1/2 e
w
A
0
5 mm
scale
e
E1
b
c2
A2
1
2
3
4
mounting
base
D1
c
E
b2
b3
b4
H
D
L2
L1
C
X
y C
q
(A3)
L
A
A1
detail X
Fig. 17. Package outline LFPAK56; Power-SO8 (SOT669)


Número de pieza similar - BUK9Y12-100E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y12-100E NXP-BUK9Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y12-100E NEXPERIA-BUK9Y12-100E Datasheet
729Kb / 13P
   N-channel 100 V, 12 mΩ logic level MOSFET in LFPAK56
4 November 2016
More results

Descripción similar - BUK9Y12-100E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y12-100E NXP-BUK9Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN012-100YL NEXPERIA-PSMN012-100YL Datasheet
728Kb / 12P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y12-40E NXP-BUK9Y12-40E Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
14 February 2013
BUK9Y12-40E PHILIPS-BUK9Y12-40E_15 Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y65-100E PHILIPS-BUK9Y65-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 65 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y113-100E PHILIPS-BUK9Y113-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 113 m廓 logic level MOSFET in LFPAK56
8 May 2013
PSMN038-100YL PHILIPS-PSMN038-100YL_15 Datasheet
328Kb / 13P
   N-channel 100 V 37.5 m廓 logic level MOSFET in LFPAK56
1 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com