Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD95373AQ5M Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza CSD95373AQ5M
Descripción Electrónicos  CSD95373AQ5M Synchronous Buck NexFET??Power Stage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD95373AQ5M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD95373AQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 9Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 10Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 11Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 12Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
+
+
POR
VDD (5)
BOOT (9)
HG
SW
GND
LG
PWM (12)
Gate Driver Logic
ZX
Tri-State Logic
PWMH
PWML
PWMT
Temperature Sense
NC (1)
TAO (11)
BOOT_R (8)
VIN (7)
VSW (6)
PGND (13)
Thermal Shutdown
ENABLE (3)
FCCM (10)
Fault Detection
3V LDO
NC (2)
NC (4)
CSD95373AQ5M
www.ti.com
SLPS458A – DECEMBER 2013 – REVISED AUGUST 2014
7 Detailed Description
7.1 Functional Block Diagram
7.2 Feature Description
7.2.1 Powering CSD95373AQ5M And Gate Drivers
An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive
power for the MOSFETs. The gate driver IC is capable of supplying in excess of 4 A peak current into the
MOSFET gates to achieve fast switching. A 1 µF 10 V X5R or higher ceramic capacitor is recommended to
bypass VDD pin to PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included. The
bootstrap supply to drive the Control FET is generated by connecting a 100 nF 16 V X5R ceramic capacitor
between BOOT and BOOT_R pins. An optional RBOOT resistor can be used to slow down the turn on speed of
the Control FET and reduce voltage spikes on the VSW node. A typical 1 to 4.7 Ω value is a compromise between
switching loss and VSW spike amplitude.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - CSD95373AQ5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Descripción similar - CSD95373AQ5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com