Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y15-100E Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK9Y15-100E
Descripción Electrónicos  N-channel 100 V, 15 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y15-100E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9Y15-100E_15 Datasheet HTML 1Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y15-100E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK9Y15-100E
N-channel 100 V, 15 mΩ logic level MOSFET in LFPAK56
BUK9Y15-100E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
9 May 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1 2 3 4
LFPAK56; Power-
SO8 (SOT669)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK9Y15-100E
LFPAK56;
Power-SO8
Plastic single-ended surface-mounted package (LFPAK56;
Power-SO8); 4 leads
SOT669
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK9Y15-100E
91510E
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
100
V
Tj ≤ 175 °C; DC
-10
10
V
VGS
gate-source voltage
Tj ≤ 175 °C; Pulsed
[1][2]
-15
15
V
Tmb = 25 °C; VGS = 5 V; Fig. 1
-
69
A
ID
drain current
Tmb = 100 °C; VGS = 5 V; Fig. 1
-
49
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
274
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
195
W


Número de pieza similar - BUK9Y15-100E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y15-100E NXP-BUK9Y15-100E Datasheet
296Kb / 13P
   N-channel 100 V, 15 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y15-100E NEXPERIA-BUK9Y15-100E Datasheet
724Kb / 13P
   N-channel 100 V, 15 mΩ logic level MOSFET in LFPAK56
4 November 2016
More results

Descripción similar - BUK9Y15-100E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y15-100E NXP-BUK9Y15-100E Datasheet
296Kb / 13P
   N-channel 100 V, 15 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN015-100YL NEXPERIA-PSMN015-100YL Datasheet
726Kb / 13P
   N-channel 100 V, 15 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y14-80E NXP-BUK9Y14-80E Datasheet
352Kb / 13P
   N-channel 80 V,15 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y15-60E PHILIPS-BUK9Y15-60E_15 Datasheet
352Kb / 13P
   N-channel 60 V, 15 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y15-60E NXP-BUK9Y15-60E Datasheet
351Kb / 13P
   N-channel 60 V, 15 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y12-100E PHILIPS-BUK9Y12-100E_15 Datasheet
302Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y12-100E NXP-BUK9Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com