Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD97370Q5M Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza CSD97370Q5M
Descripción Electrónicos  Synchronous Buck NexFET??Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD97370Q5M_15 Datasheet HTML 6Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 7Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 8Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 9Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 10Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 11Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 12Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 13Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Switching Frequency (kHz)
200
400
600
800
1000 1200 1400 1600 1800 2000
10
15
20
25
30
35
40
45
50
55
60
65
70
G030
Junction Temperature ( °C)
-50
-25
0
25
50
75
100
125
150
10
11
12
13
14
15
16
17
18
19
20
G031
CSD97370Q5M
SLPS314C – JUNE 2011 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
Figure 16. Driver Current vs Frequency
Figure 17. Driver Current vs Temperature
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Número de pieza similar - CSD97370Q5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Descripción similar - CSD97370Q5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com