Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6117CBZA Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL6117CBZA
Descripción Electrónicos  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6117CBZA Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6117CBZA Datasheet HTML 1Page - Intersil Corporation ISL6117CBZA Datasheet HTML 2Page - Intersil Corporation ISL6117CBZA Datasheet HTML 3Page - Intersil Corporation ISL6117CBZA Datasheet HTML 4Page - Intersil Corporation ISL6117CBZA Datasheet HTML 5Page - Intersil Corporation ISL6117CBZA Datasheet HTML 6Page - Intersil Corporation ISL6117CBZA Datasheet HTML 7Page - Intersil Corporation ISL6117CBZA Datasheet HTML 8Page - Intersil Corporation ISL6117CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN9100.7
April 29, 2010
Pin Descriptions
PIN # SYMBOL
FUNCTION
DESCRIPTION
1
ISET
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor.
This pin functions as the current limit programming pin.
2
ISEN
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this
resistor.
3GATE
External FET Gate
Drive Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to
ground sets the turn-on ramp. At turn-on this capacitor will be charged to VDD +5V
(ISL6115) and to VDD (ISL6116, ISL6117, ISL6120) by a 10µA current source.
4
VSS
Chip Return
5
VDD
Chip Supply
12V chip supply. This can be either connected directly to the +12V rail supplying the
switched load voltage or to a dedicated VSS +12V supply.
6
CTIM
Current Limit Timing
Capacitor
Connect a capacitor from this pin to ground. This capacitor determines the time delay
between an overcurrent event and chip output shutdown (current limit time-out). The
duration of current limit time-out is equal to 93kΩ x CTIM.
7
PGOOD
Power Good Indicator Indicates that the voltage on the ISEN pin is satisfactory. PGOOD is driven by an open
drain N-Channel MOSFET and is pulled low when the output voltage (VISEN) is less than
the UV level for the particular IC.
8
PWRON Power-ON
PWRON is used to control and reset the chip. The chip is enabled when PWRON pin is
driven high to a maximum of 5V or is left open. Do not drive this input >5V. After a
current limit time-out, the chip is reset by a low level signal applied to this pin. This input
has 20µA pull-up capability.
ISL6115, ISL6116, ISL6117, ISL6120


Número de pieza similar - ISL6117CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6117CBZA RENESAS-ISL6117CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

Descripción similar - ISL6117CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com