Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS54T02 Datasheet(PDF) 1 Page - Texas Instruments |
|
ADS54T02 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 49 page 12bit 750Msps INA Clk Buffer CLKIN SYNCIN DA[11 :0] Digital Block Burst Mode TRIGGER 12bit 750Msps INB DB[11 :0] Digital Block DACLK DBCLK 2x Decimation Burst Mode 2x Decimation ADS54T02 www.ti.com SLAS933B – JANUARY 2013 – REVISED JANUARY 2014 Dual Channel 12-Bit 750 Msps Receiver and Feedback IC Check for Samples: ADS54T02 1 FEATURES DESCRIPTION The ADS54T02 is a high linearity dual channel 12-bit, • Dual Channel 750 MSPS analog-to-digital converter (ADC) easing • 12-Bit Resolution front end filter design for wide bandwidth receivers. • Maximum Clock Rate: 750 Msps The analog input buffer isolates the internal switching of the on-chip track-and-hold from disturbing the • Low Swing Fullscale Input: 1.0 Vpp signal source as well as providing a high-impedance • Analog Input Buffer with High Impedance Input input. Two output modes are available for the output • Input Bandwidth (3dB): >1.2GHz data – it can be decimated by two or the data can be output in burst mode. The burst mode output is • Data Output Interface: DDR LVDS designed specifically for DPD feedback applications • 196-Pin BGA Package (12x12mm) where high resolution output data is available for a • Power Dissipation: 1050mW/ch short period of time. Designed for high SFDR, the ADC has low-noise performance and outstanding • Performance at fin = 230 MHz IF spurious-free dynamic range over a large input- – SNR: 60.7 dBFS frequency range. The device is available in a 196pin – SFDR: 78 dBc BGA package and is specified over the full industrial • Performance at fin = 700 MHz IF temperature range (–40°C to 85°C). – SNR: 58.9 dBFS – SFDR: 73 dBc • Receive Mode: 2x Decimation with Low Pass or High Pass Filter • Feedback Mode: Burst Mode Output for Full Bandwidth DPD Feedback APPLICATIONS • Telecommunications Receiver • Power Amplifier Linearization Number of Device Part No. Speed Grade Channels ADS54T02 2 750 Msps ADS54T01 1 750 Msps ADS54T04 2 500 Msps 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2013–2014, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - ADS54T02_15 |
|
Descripción similar - ADS54T02_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |