Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y8R7-60E Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUK9Y8R7-60E
Descripción Electrónicos  N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y8R7-60E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9Y8R7-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y8R7-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK9Y8R7-60E
N-channel 60 V, 8.7 mΩ logic level MOSFET in LFPAK56
BUK9Y8R7-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
8 May 2013
4 / 13
003aaj261
10-3
10-2
10-1
1
10
10-1
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
(3)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aaj262
1
10
102
10-1
1
10
102
103
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
1.02
K/W


Número de pieza similar - BUK9Y8R7-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y8R7-60E NXP-BUK9Y8R7-60E Datasheet
352Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y8R7-60E NEXPERIA-BUK9Y8R7-60E Datasheet
765Kb / 13P
   N-channel 60 V, 8.7 mΩ logic level MOSFET in LFPAK56
8 May 2013
More results

Descripción similar - BUK9Y8R7-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y8R7-60E NXP-BUK9Y8R7-60E Datasheet
352Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y8R7-60E NEXPERIA-BUK9Y8R7-60E Datasheet
765Kb / 13P
   N-channel 60 V, 8.7 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y8R7-60E PHILIPS-BUK7Y8R7-60E_15 Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m standard level MOSFET in LFPAK56
7 May 2013
BUK9Y6R0-60E PHILIPS-BUK9Y6R0-60E_15 Datasheet
307Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y25-60E PHILIPS-BUK9Y25-60E_15 Datasheet
317Kb / 13P
   N-channel 60 V, 25 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y4R8-60E NXP-BUK9Y4R8-60E Datasheet
298Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y6R0-60E NXP-BUK9Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN4R1-60YL NEXPERIA-PSMN4R1-60YL Datasheet
732Kb / 12P
   N-channel 60 V, 4.1 m廓 logic level MOSFET in LFPAK56
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com