Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61029-Q1 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS61029-Q1
Descripción Electrónicos  TPS6102x 96% Efficient Synchronous Boost Converters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61029-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61029-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
-0.2
4.8
9.8
14.8
19.8
24.8
29.8
34.8
TA = 85°C
TA = -40°C
TA = 25°C
0
0.2
0.4
0.6
0.8
1.2
1.6
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
TA = 85°C
TA = 25°C
1
1.4
TA = -40°C
IO - Output Current - mA
VBAT = 3.6 V
4.80
4.85
4.90
4.95
5
5.05
5.10
1
10
100
1000
VO = 5 V
50
55
60
65
70
75
80
85
90
95
100
0.9 1.4 1.9 2.4 2.9 3.4 3.9 4.4 4.9 5.4 5.9
VI - Input Voltage - V
IO = 100 mA
VO = 5 V
IO = 250 mA
IO = 10 mA
6.4
3.20
3.25
3.30
3.35
1
10
100
1000
IO - Output Current - mA
VBAT = 2.4 V
VO = 3.3 V
TPS61025-Q1, TPS61027-Q1, TPS61029-Q1
www.ti.com
SLVSA31A – NOVEMBER 2009 – REVISED DECEMBER 2014
Figure 6. TPS61025 Output Voltage vs Output Current
Figure 5. TPS61027 Efficiency vs Input Voltage
Figure 7. TPS61027 Output Voltage vs Output Current
Figure 8. No Load Supply Current Into VBAT vs Input
Voltage
Figure 9. No Load Supply Current Into VOUT vs Input Voltage
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
TPS61029-Q1


Número de pieza similar - TPS61029-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
More results

Descripción similar - TPS61029-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com