Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61029-Q1 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS61029-Q1
Descripción Electrónicos  TPS6102x 96% Efficient Synchronous Boost Converters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61029-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61029-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS61029-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS61025-Q1, TPS61027-Q1, TPS61029-Q1
SLVSA31A – NOVEMBER 2009 – REVISED DECEMBER 2014
www.ti.com
11.2 Feature Description
11.2.1 Controller Circuit
The controller circuit of the device is based on a fixed frequency multiple feedforward controller topology. Input
voltage, output voltage, and voltage drop on the NMOS switch are monitored and forwarded to the regulator. So
changes in the operating conditions of the converter directly affect the duty cycle and must not take the indirect
and slow way through the control loop and the error amplifier. The control loop, determined by the error amplifier,
only has to handle small signal errors. The input for it is the feedback voltage on the FB pin or, at fixed output
voltage versions, the voltage on the internal resistor divider. It is compared with the internal reference voltage to
generate an accurate and stable output voltage.
The peak current of the NMOS switch is also sensed to limit the maximum current flowing through the switch and
the inductor. The typical peak current limit is set to 1500 mA. An internal temperature sensor prevents the device
from getting overheated in case of excessive power dissipation.
11.2.1.1 Synchronous Rectifier
The device integrates an N-channel and a P-channel MOSFET transistor to realize a synchronous rectifier.
Because the commonly used discrete Schottky rectifier is replaced with a low RDS(ON) PMOS switch, the power
conversion efficiency reaches 96%. To avoid ground shift due to the high currents in the NMOS switch, two
separate ground pins are used. The reference for all control functions is the GND pin. The source of the NMOS
switch is connected to PGND. Both grounds must be connected on the PCB at only one point close to the GND
pin. A special circuit is applied to disconnect the load from the input during shutdown of the converter. In
conventional synchronous rectifier circuits, the backgate diode of the high-side PMOS is forward biased in
shutdown and allows current flowing from the battery to the output. This device however uses a special circuit
which takes the cathode of the backgate diode of the high-side PMOS and disconnects it from the source when
the regulator is not enabled (EN = low).
The benefit of this feature for the system design engineer is that the battery is not depleted during shutdown of
the converter. No additional components have to be added to the design to make sure that the battery is
disconnected from the output of the converter.
11.2.1.2 Down Regulation
In general, a boost converter only regulates output voltages which are higher than the input voltage. This device
operates differently. For example, it is able to regulate 3.0 V at the output with two fresh alkaline cells at the input
having a total cell voltage of 3.2 V. Another example is powering white LEDs with a forward voltage of 3.6 V from
a fully charged Li-Ion cell with an output voltage of 4.2 V. To control these applications properly, a down
conversion mode is implemented.
If the input voltage reaches or exceeds the output voltage, the converter changes to the conversion mode. In this
mode, the control circuit changes the behavior of the rectifying PMOS. It sets the voltage drop across the PMOS
as high as needed to regulate the output voltage. This means the power losses in the converter increase. This
has to be taken into account for thermal consideration. The down conversion mode is automatically turned off as
soon as the input voltage falls about 50 mV below the output voltage. For proper operation in down conversion
mode the output voltage should not be programmed below 50% of the maximum input voltage which can be
applied.
11.2.1.3 Device Enable
The device is put into operation when EN is set high. It is put into a shutdown mode when EN is set to GND. In
shutdown mode, the regulator stops switching, all internal control circuitry including the low-battery comparator is
switched off, and the load is isolated from the input (as described in the Synchronous Rectifier Section). This
also means that the output voltage can drop below the input voltage during shutdown. During start-up of the
converter, the duty cycle and the peak current are limited in order to avoid high peak currents drawn from the
battery.
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
TPS61029-Q1


Número de pieza similar - TPS61029-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
More results

Descripción similar - TPS61029-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com