Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61046 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61046
Descripción Electrónicos  TPS61046 28-V Output Voltage Boost Converter in WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61046 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61046 Datasheet HTML 2Page - Texas Instruments TPS61046 Datasheet HTML 3Page - Texas Instruments TPS61046 Datasheet HTML 4Page - Texas Instruments TPS61046 Datasheet HTML 5Page - Texas Instruments TPS61046 Datasheet HTML 6Page - Texas Instruments TPS61046 Datasheet HTML 7Page - Texas Instruments TPS61046 Datasheet HTML 8Page - Texas Instruments TPS61046 Datasheet HTML 9Page - Texas Instruments TPS61046 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Temperature(°C)
-40
-20
0
20
40
60
80
100
120
70
80
90
100
110
120
130
140
150
D001
Input Voltage (V)
1.8
2.4
3
3.6
4.2
4.8
5.4
6
70
80
90
100
110
120
130
140
150
D001
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
D001
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
780
785
790
795
800
805
810
D001
Output Current (A)
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 1.8 V
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.2 V
Output Current (A)
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
D001
VOUT = 5 V
VOUT = 12 V
VOUT = 24 V
TPS61046
SLVSCQ7 – APRIL 2015
www.ti.com
7.6 Typical Characteristics
VIN = 3.6 V, VOUT = 12 V, TJ = –40°C to 125°C, unless otherwise noted.
VIN = 1.8 V, 3.0 V, 3.6 V, 4.2 V, VOUT = 12 V
VIN = 3.6 V, VOUT = 5 V, 12 V, 24 V
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current
VIN = 3.6 V, VOUT = 12 V, FB pin connected to VIN pin
VIN = 3.6 V, VOUT = 12 V
Figure 3. 12-V Fixed Output Voltage vs Temperature
Figure 4. Reference Voltage vs Temperature
VIN = 3.6 V, VOUT = 12 V, No switching
VIN = 1.8 V ~ 6 V, VOUT = 12 V, No switching
Figure 5. Quiescent Current vs Temperature
Figure 6. Quiescent Current vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61046


Número de pieza similar - TPS61046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040 TI-TPS61040 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results

Descripción similar - TPS61046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV61048 TI1-TLV61048_19 Datasheet
527Kb / 21P
[Old version datasheet]   15-V Output voltage non-synchronous boost converter in SOT-23 package
TLV61048 TI1-TLV61048 Datasheet
526Kb / 20P
[Old version datasheet]   15-V Output voltage non-synchronous boost converter in SOT-23 package
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TLV61046A TI1-TLV61046A Datasheet
1Mb / 24P
[Old version datasheet]   28-V Output Voltage Boost Converter with Power Diode and Isolation Switch
TPS61096 TI1-TPS61096 Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS63036 TI1-TPS63036 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
TPS63036 TI-TPS63036_15 Datasheet
1Mb / 22P
[Old version datasheet]   TPS63036 High-Efficiency Single Inductor Buck-Boost Converter in Tiny WCSP
TPS61253A TI1-TPS61253A Datasheet
1Mb / 31P
[Old version datasheet]   3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS61170 TI-TPS61170 Datasheet
556Kb / 22P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170_08 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com