Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61086 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS61086
Descripción Electrónicos  TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61086 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61086_15 Datasheet HTML 2Page - Texas Instruments TPS61086_15 Datasheet HTML 3Page - Texas Instruments TPS61086_15 Datasheet HTML 4Page - Texas Instruments TPS61086_15 Datasheet HTML 5Page - Texas Instruments TPS61086_15 Datasheet HTML 6Page - Texas Instruments TPS61086_15 Datasheet HTML 7Page - Texas Instruments TPS61086_15 Datasheet HTML 8Page - Texas Instruments TPS61086_15 Datasheet HTML 9Page - Texas Instruments TPS61086_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
1.6
V
-Supplyvoltage-V
IN
L =3.3µH
1.4
1.2
1.0
0.8
0.4
0.6
0.2
0.0
3.5
6.0
V =9V
S
V =12V
S
V =18.5V
S
2.5
3.0
4.0
4.5
5.5
5.0
V =15V
S
200
400
600
800
1000
1200
1400
1600
0
0.1
0.2
0.3
0.4
0.5
0.6
I
- Load current - A
O
MODE = V
Forced PWM
L = 3.3 µH
IN
V
IN = 3.3 V
V = 12 V
S
100
I -OutputCurrent-mA
O
FREQ=GND
V
=3.3V
L =3.3µH
IN
90
70
80
60
50
20
40
10
30
0
0.1
1
100
1000
V =9V
S
V =12V
S
V =15V
S
10
100
I -OutputCurrent-mA
O
FREQ=VIN
V
=3.3V
L =3.3µH
IN
90
70
80
60
50
20
40
10
30
0
1
10
100
1000
V =9V
S
V =12V
S
V =15V
S
TPS61086
SLVSA05B – AUGUST 2009 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
The typical characteristics are measured with the inductor CDRH6D12 3.3 µH from Sumida and the rectifier diode SL22.
Table 1. Table of Graphs
FIGURE
η
Efficiency vs Load current- PFM
VIN = 3.3 V, VS = 9 V, 12 V, 15 V
Figure 1
η
Efficiencyvs Load current - Forced PWM
VIN = 3.3 V, VS = 9 V, 12 V, 15 V
Figure 2
Iout(max)
Maximum output current
Figure 3
fS
Switching frequency - Forced PWM
vs Load current, VIN = 3.3 V, VS = 12 V
Figure 4
fS
Switching frequency - Forced PWM
vs Supply voltage, VS = 12 V, Iout = 200 mA
Figure 5
Supply current
vs Supply voltage,VIN = 3.3 V, VS = 12 V
Figure 6
Figure 1. PFM Mode Efficiency vs Output Current
Figure 2. Force PWM Mode Efficiency vs Output Current
Figure 4. Frequency vs Load Current
Figure 3. Output Current vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS61086


Número de pieza similar - TPS61086_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61086DRC TI-TPS61086DRC Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
TPS61086DRCR TI-TPS61086DRCR Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
TPS61086DRCT TI-TPS61086DRCT Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
More results

Descripción similar - TPS61086_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61086 TI-TPS61086 Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com