Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61086 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS61086
Descripción Electrónicos  TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61086 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61086_15 Datasheet HTML 1Page - Texas Instruments TPS61086_15 Datasheet HTML 2Page - Texas Instruments TPS61086_15 Datasheet HTML 3Page - Texas Instruments TPS61086_15 Datasheet HTML 4Page - Texas Instruments TPS61086_15 Datasheet HTML 5Page - Texas Instruments TPS61086_15 Datasheet HTML 6Page - Texas Instruments TPS61086_15 Datasheet HTML 7Page - Texas Instruments TPS61086_15 Datasheet HTML 8Page - Texas Instruments TPS61086_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
EN
SW
FB
MODE
AGND
COMP
SS
1
4
6
8
3
7
2
5
PGND
9
10
SW
Cby
1 F
16V
m
Cin
10 F
16V
m
V
2.5Vto6V
IN
L
3.3 H
m
D
PMEG2010AEH
V
12V
S
R1
156kW
R2
18kW
Cout
2*10 F
25V
m
Rcomp
68kW
Ccomp
820pF
Css
100nF
TPS61086
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61086
SLVSA05B – AUGUST 2009 – REVISED AUGUST 2015
TPS61086 18.5-V PFM – PWM Step-Up DC – DC Converter With 2.0-A Switch
1
1 Features
2.3-V to 6.0-V Input Voltage Range
3 Description
The TPS61086 device is a high-frequency, high-
18.5-V Boost Converter With 2.0-A Switch Current
efficiency DC-to-DC converter with an integrated 2.0-
1.2-MHz Switching Frequency
A, 0.13-
Ω power switch capable of providing an
Power Save Mode for Improved Efficiency at Low-
output voltage up to 18.5 V. The implemented boost
Output Power or Forced PWM
converter is based on a fixed frequency of 1.2-MHz,
pulse-width-modulation (PWM) controller that allows
Adjustable Soft-Start
the use of small external inductors and capacitors
Thermal Shutdown
and provides fast transient response.
Undervoltage Lockout
At light-load, the device can operate in Power Save
10-Pin VSON Package
Mode
with
pulse-frequency-modulation
(PFM)
to
improve the efficiency while keeping a low-output
2 Applications
voltage ripple. For very noise-sensitive applications,
the device can be forced to PWM Mode operation
Handheld Devices
over the entire load range by pulling the MODE pin
GPS Receivers
high. The external compensation allows optimizing
Digital Still Cameras
the application for specific conditions. A capacitor
Portable Applications
connected to the soft-start pin minimizes inrush
current at start-up.
DSL Modems
PCMCIA Cards
Device Information(1)
TFT LCD Bias Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61086
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS61086_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61086DRC TI-TPS61086DRC Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
TPS61086DRCR TI-TPS61086DRCR Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
TPS61086DRCT TI-TPS61086DRCT Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
More results

Descripción similar - TPS61086_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61086 TI-TPS61086 Datasheet
1Mb / 26P
[Old version datasheet]   18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com