Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61090 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS61090
Descripción Electrónicos  TPS6109x Synchronous Boost Converter With 2-A Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61090 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61090_15 Datasheet HTML 1Page - Texas Instruments TPS61090_15 Datasheet HTML 2Page - Texas Instruments TPS61090_15 Datasheet HTML 3Page - Texas Instruments TPS61090_15 Datasheet HTML 4Page - Texas Instruments TPS61090_15 Datasheet HTML 5Page - Texas Instruments TPS61090_15 Datasheet HTML 6Page - Texas Instruments TPS61090_15 Datasheet HTML 7Page - Texas Instruments TPS61090_15 Datasheet HTML 8Page - Texas Instruments TPS61090_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS61090, TPS61091, TPS61092
SLVS484C – JUNE 2003 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX UNIT
Input voltage on LBI
–0.3
3.6
V
Input voltage on SW, VOUT, LBO, VBAT, SYNC, EN, FB
–0.3
7
V
TA
Operating free air temperature
–40
85
°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±XXX V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±YYY V may actually have higher performance.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Supply voltage at VBAT
1.8
5.5
V
L
Inductance
2.2
6.8
µH
Ci
Input, capacitance
10
µF
Co
Output capacitance
22
100
TA
Operating free air temperature
–40
85
°C
TJ
Operating virtual junction temperature
–40
125
7.4 Electrical Characteristics
over recommended free-air temperature range and over recommended input voltage range (typical values are at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC-DC STAGE
VI
Input voltage range
1.8
5.5
V
VO
TPS61090 output voltage range
1.8
5.5
VFB
TPS61090 feedback voltage
490
500
510
mV
f
Oscillator frequency
500
600
700
kHz
Frequency range for synchronization
500
700
ISW
Switch current limit
VOUT= 5 V
2000
2200
2500
mA
Start-up current limit
0.4 x ISW
Boost switch on resistance
VOUT= 5 V
55
m
Rectifying switch on resistance
VOUT= 5 V
55
Total accuracy
–3%
3%
Line regulation
0.6%
Load regulation
0.6%
4
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS61090 TPS61091 TPS61092


Número de pieza similar - TPS61090_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
TPS61090RSA TI-TPS61090RSA Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSARG4 TI1-TPS61090RSARG4 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Descripción similar - TPS61090_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
logo
Monolithic Power System...
EVQ3425-L-00A MPS-EVQ3425-L-00A Datasheet
195Kb / 4P
   Boost Converter With a 55V, 3.5A Switch
EV3425DL-00A MPS-EV3425DL-00A Datasheet
187Kb / 4P
   Boost Converter With a 55V, 3.5A Switch
logo
Texas Instruments
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com