Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61093-Q1 Datasheet(PDF) 3 Page - Texas Instruments

No. de Pieza. TPS61093-Q1
Descripción  TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
Descarga  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61093-Q1 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
FB
VO
SW
OUT
SS
CP1
GND
VIN
EN
CP2
6
10
5
1
Thermal
Pad
TPS61093-Q1
www.ti.com
SLVSCO6 – JANUARY 2015
6 Pin Configuration and Functions
2.5 mm x 2.5 mm QFN
10 PIN
TOP VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
2
I
IC Supply voltage input.
Output of the boost converter. When the output voltage exceeds the over voltage protection (OVP)
VO
10
O
threshold, the power switch turns off until VO drops below the over voltage protection hysteresis.
Isolation switch is between this pin and VO pin. Connect load to this pin for input/output isolation during
OUT
8
O
IC shutdown. See Without Isolation FET for the tradeoff between isolation and efficiency.
GND
1
Ground of the IC.
CP1, CP2
3, 4
Connect to flying capacitor for internal charge pump.
Enable pin (HIGH = enable). When the pin is pulled low for 1 ms, the IC turns off and consumes less
EN
5
I
than 1-
μA current.
SS
6
I
Soft start pin. A RC network connecting to the SS pin programs soft start timing. See Start Up
Voltage feedback pin for output regulation, 0.5-V regulated voltage. An external resistor divider
FB
7
I
connected to this pin programs the regulated output voltage.
SW
9
I
Switching node of the IC where the internal PWM switch operates.
It should be soldered to the ground plane. If possible, use thermal via to connect to ground plane for
Thermal Pad
ideal power dissipation.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61093-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn