Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK763R9-60E Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK763R9-60E
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK763R9-60E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK763R9-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK763R9-60E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
BUK763R9-60E
N-channel TrenchMOS standard level FET
BUK763R9-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
13 July 2012
6 / 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.8
1.2
V
trr
reverse recovery time
-
39
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
51
-
nC
003aah394
0
120
240
360
0
1
2
3
4
VDS(V)
ID
(A)
VGS(V) = 4.5
5
6
8
10
5.5
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aah395
0
5
10
15
0
5
10
15
20
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aah397
0
100
200
300
400
0
2
4
6
8
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature


Número de pieza similar - BUK763R9-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK763R9-60E NXP-BUK763R9-60E Datasheet
212Kb / 13P
   N-channel TrenchMOS standard level FET
13 July 2012
logo
Nexperia B.V. All right...
BUK763R9-60E NEXPERIA-BUK763R9-60E Datasheet
720Kb / 13P
   N-channel TrenchMOS standard level FET
28 July 2016
More results

Descripción similar - BUK763R9-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com