Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK764R2-80E Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BUK764R2-80E
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK764R2-80E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK764R2-80E_15 Datasheet HTML 5Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 6Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 7Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 8Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 9Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 10Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 11Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 12Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
BUK764R2-80E
N-channel TrenchMOS standard level FET
BUK764R2-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
5 October 2012
9 / 13
003aah704
0
50
100
150
200
0
0.3
0.6
0.9
1.2
1.5
VSD(V)
IS
(A)
Tj = 25 °C
Tj = 175°C
Fig. 16. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values


Número de pieza similar - BUK764R2-80E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK764R2-80E NEXPERIA-BUK764R2-80E Datasheet
727Kb / 13P
   N-channel TrenchMOS standard level FET
More results

Descripción similar - BUK764R2-80E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com