Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61251 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS61251
Descripción Electrónicos  TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61251 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61251_15 Datasheet HTML 7Page - Texas Instruments TPS61251_15 Datasheet HTML 8Page - Texas Instruments TPS61251_15 Datasheet HTML 9Page - Texas Instruments TPS61251_15 Datasheet HTML 10Page - Texas Instruments TPS61251_15 Datasheet HTML 11Page - Texas Instruments TPS61251_15 Datasheet HTML 12Page - Texas Instruments TPS61251_15 Datasheet HTML 13Page - Texas Instruments TPS61251_15 Datasheet HTML 14Page - Texas Instruments TPS61251_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
R4
1 M
C1
10 µF
C
4.7 µF
OUT
L
VIN
EN
ILIM
GND
VOUT
FB
PG
R
20 k
ILIM
C
1 nF
FF
V
IN
R2
280 k
L1
1 H
R1
1 M
C
>150 µF
BULK
V
OUT
TPS61251
Power Good
Output
2.3 V to
6.0 V
5.5 V
TPS61251
www.ti.com
SLVSAF7B – SEPTEMBER 2010 – REVISED JULY 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS61251 device provides a power supply solution for products powered by either a three-cell, NiCd or
NiMH battery, or a one-cell Li-Ion or Li-polymer battery. The wide input voltage range is ideal to power portable
applications like mobile phones, solid state drives (SSD) and wireless modems. The converter is designed to
charge large capacitors in the Farad range to support battery back up applications.
10.2 Typical Application
Figure 6 shows a typical application for 5.5 V output voltage with input current limit.
Figure 6. Typical Application Schematic
10.2.1 Design Requirements
Table 2 lists the design requirements.
Table 2. Design Parameters
PARAMETER
SYMBOL
VALUE
UNIT
Input Voltage
VIN
3.6
V
Minimum Input Voltage
VIN(min)
2.9
V
Output Voltage
VOUT
5.5
V
Input Current Limit set
ILIM
500
mA
by RILIM
Feedback Voltage
VFB
1.2
V
Switching Frequency
f
3.5
MHz
Estimated Efficiency
η
90%
Inductor Value of Choice
L1
1
µH
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61251


Número de pieza similar - TPS61251_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61251DSGR TI-TPS61251DSGR Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS61251DSGT TI-TPS61251DSGT Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
More results

Descripción similar - TPS61251_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61251 TI-TPS61251 Datasheet
426Kb / 21P
[Old version datasheet]   BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS65510 TI-TPS65510 Datasheet
824Kb / 19P
[Old version datasheet]   LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
Shenzhen Huazhimei Semi...
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
   constant current/constant voltage charging for single-cell lithium battery
logo
Texas Instruments
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com