Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK962R5-60E Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK962R5-60E
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK962R5-60E Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK962R5-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK962R5-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BUK962R5-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 16 May 2012
5 of 14
NXP Semiconductors
BUK962R5-60E
N-channel TrenchMOS logic level FET
6.
Thermal characteristics
Fig 4.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aag345
10
-1
1
10
10
2
10
3
10
4
10
-1
1
10
10
2
10
3
VDS (V)
ID
(A)
Limit RDSon = VDS / ID
DC
100
μs
10 ms
tp =10 μ s
100 ms
1 ms
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from
junction to mounting base
see Figure 5
--0.42
K/W
Rth(j-a)
thermal resistance from
junction to ambient
minimum footprint; mounted on
a printed-circuit board
-50
-K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration.
003aaf570
single shot
0.2
0.1
0.05
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
= 0.5
0.02
tp
T
P
t
tp
T


Número de pieza similar - BUK962R5-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK962R5-60E NEXPERIA-BUK962R5-60E Datasheet
736Kb / 13P
   N-channel TrenchMOS logic level FET
More results

Descripción similar - BUK962R5-60E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com