Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1K0PH2R50KE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

No. de pieza TA1K0PH2R50KE
Descripción Electrónicos  1000 and 2000 Watt Heat Sinkable Planar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OHMITE [Ohmite Mfg. Co.]
Página de inicio  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TA1K0PH2R50KE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TA1K0PH2R50KE Datasheet HTML 1Page - Ohmite Mfg. Co. TA1K0PH2R50KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
144
TA 1K0PH2R50K E
Style
Package
Type
Resistance
2.5Ω = 2R50
50Ω = 50R0
Tolerance
K = 10% (standard)
L = 20%
Wattage
RoHS Compliant
0.798"
(20.26mm)
3.000"
(76.20mm)
ø10-32
1.308"
(33.21mm)
0.193"
(4.89mm)
1.622"
(41.20mm)
0.689"
(17.50mm)
ø0.172"
(4.37mm)
0.450"
(11.43mm)
0.300"
(7.62mm)
0.188"
(4.76mm)
1.308"
(33.21mm)
(same dimensions)
1000 Watt
Ohms
10% Tolerance
0.5 TA1K0PHR500KE
1
TA1K0PH1R00KE
2.5 TA1K0PH2R50KE
5
TA1K0PH5R00KE
7.5 TA1K0PH7R50KE
10
TA1K0PH10R0KE
15
TA1K0PH15R0KE
25
TA1K0PH25R0KE
50
TA1K0PH50R0KE
100
TA1K0PH100RKE
250
TA1K0PH250RKE
500
TA1K0PH500RKE
750
TA1K0PH750RKE
1000
TA1K0PH1K00KE
2000 Watt
Ohms
10% Tolerance
0.5 TA2K0PHR500KE
1
TA2K0PH1R00KE
2.5 TA2K0PH2R50KE
5
TA2K0PH5R00KE
7.5 TA2K0PH7R50KE
10
TA2K0PH10R0KE
15
TA2K0PH15R0KE
25
TA2K0PH25R0KE
50
TA2K0PH50R0KE
100
TA2K0PH100RKE
250
TA2K0PH250RKE
500
TA2K0PH500RKE
750
TA2K0PH750RKE
1000
TA2K0PH1K00KE
A PP lic AT ion no T es
Proper heat sinking techniques are essential to performance of
a TAP resistor. Pleased follow these guidelines when designing
TAP system:
• Heats sink plate (base plate of the resistor) temperature
must be monitored to establish proper de-rating. Best tech-
nique is to attach a thermocouple to the side of the base
plate of the resistor. Temperature of plastic housing or heat
sink cannot be used to establish rating of the resistor. Usage
of laser thermometers should be avoided.
• To obtain a power rating of 1000W or 2000W, the bottom
case temp must not exceed 85°C. This can only be achieved
if the thermal conduction to the heatsink Rth-cs<0.025°K/W.
This value can be reached by using thermal transfer com-
pound with a heat conductivity of 1W/mK. The flatness of
the cooling plate must be better than 0.05mm overall. The
roughness of the surface should not exceed 6.4µm.
• Due to very high power density, only liquid cooled heat sinks
are recommended for applications when >300W power rating
is desired.
• Properly designed heat sink should have more than 2 cooling
pipes under the surface of the TAP resistor. The Hydroblok,
a 4 pass aluminum heat sink (http://www.ohmite.com/ta1k0-
sink.html) is an example of properly designed heat sink.
TAP1000 & 2000
1000 & 2000 Watt Heat Sinkable Planar
Standard Part Numbers
ordering in F orm AT ion
dimensions
(in./mm)


Número de pieza similar - TA1K0PH2R50KE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
352Kb / 2P
   High Energy Rating
More results

Descripción similar - TA1K0PH2R50KE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TL54FR500E OHMITE-TL54FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL-SERIES OHMITE-TL-SERIES Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
33J1R0 OHMITE-33J1R0 Datasheet
126Kb / 2P
   Axial Terminal / Surface Mount / Heat Sinkable Packaging
logo
MERITEK ELECTRONICS COR...
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com