Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACDC56-41ZGKWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation |
|
ACDC56-41ZGKWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation |
1 / 5 page SPEC NO: DSAO0997 REV NO: V.1A DATE: JAN/08/2015 PAGE: 1 OF 5 APPROVED: WYNEC CHECKED: Joe Lee DRAWN:P.Cheng ERP: 1352000619 SURFACE MOUNT DISPLAY ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Part Number: ACDC56-41ZGKWA-F01 Green Features 0.56 inch digit height. Low current operation. Excellent character appearance. Mechanically rugged. Gray face, white segment. Package: 200pcs/ reel. Moisture sensitivity level : level 2a. RoHS compliant. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted. 2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice. 3.The gap between the reflector and PCB shall not exceed 0.25mm. Descriptions The Green source color devices are made with InGaN on Sapphire Light Emitting Diode. Electrostatic discharge and power surge could damage the LEDs. It is recommended to use a wrist band or anti- electrostatic glove when handling the LEDs. All devices, equipments and machineries must be electrically grounded. |
Número de pieza similar - ACDC56-41ZGKWA-F01 |
|
Descripción similar - ACDC56-41ZGKWA-F01 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |