Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28022EVKIT1Z Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL28022EVKIT1Z
Descripción Electrónicos  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022EVKIT1Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28022EVKIT1Z Datasheet HTML 1Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 2Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 3Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 4Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 5Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 6Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 7Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 8Page - Intersil Corporation ISL28022EVKIT1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ISL28022
4
FN8386.7
October 2, 2015
Submit Document Feedback
Pin Configurations
ISL28022
(10 LD MSOP)
TOP VIEW
ISL28022
(16 LD QFN)
TOP VIEW
A1
A0
EXT_CLK/INT
SDA/SMBDAT
SCL/SMBCLK
1
2
3
4
5
10
9
8
7
6
VCC
GND
VBUS
VINM
VINP
1
3
4
15
A1
A0
EXT_CLK/INT
SDA/SMBDAT
16
14
13
2
12
10
9
11
6
57
8
VINM
VBUS
GND
VCC
GND
Pin Descriptions
MSOP
PIN
NUMBER
QFN PIN
NUMBER
PIN
NAME
DESCRIPTION
11
A1
I2C address, Bit1
22
A0
I2C address, Bit0
3
3
EXT_CLK/INT
External ADC clock input or CPU interrupt output signal. When the pin is configured as an interrupt, the
output is an open-drain.
4
4
SDA/SMBDAT
I2C serial data input/output.
5
5
SCL/SMBCLK
I2C clock input
6
9
VCC
Positive power pin. The positive power supply to the part.
7
10
GND
Negative power pin. Can be connected to ground or a negative voltage.
8
11
VBUS
VBUS power voltage sense.
9
12
VINM
Current sense minus input.
10
13
VINP
Current sense plus input.
6, 7, 8, 14,
15, 16
NC
No connect. No internal connection.
Epad
GND
Negative power pin. Can be connected to ground or a negative voltage.


Número de pieza similar - ISL28022EVKIT1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28022EVKIT1Z RENESAS-ISL28022EVKIT1Z Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Descripción similar - ISL28022EVKIT1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com