Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28535FVZ Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28535FVZ
Descripción Electrónicos  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28535FVZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28535FVZ Datasheet HTML 5Page - Intersil Corporation ISL28535FVZ Datasheet HTML 6Page - Intersil Corporation ISL28535FVZ Datasheet HTML 7Page - Intersil Corporation ISL28535FVZ Datasheet HTML 8Page - Intersil Corporation ISL28535FVZ Datasheet HTML 9Page - Intersil Corporation ISL28535FVZ Datasheet HTML 10Page - Intersil Corporation ISL28535FVZ Datasheet HTML 11Page - Intersil Corporation ISL28535FVZ Datasheet HTML 12Page - Intersil Corporation ISL28535FVZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
9
FN8364.1
November 22, 2013
IOS
Input Offset Current
-600
±50
600
pA
TA = -40°C to +85°C
-600
-
600
pA
TA = -40°C to +125°C
-1100
-
1100
pA
Common Mode
Input Voltage
Range
V+ = 5.0V, V- = 0V
Guaranteed by CMRR
0
-
5
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 5V
110
135
-
dB
97
--
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.5V
120
135
-
dB
ISC
Short Circuit Output Source Current
RL = Short to V-
-
40
-
mA
Short Circuit Output Sink Current
RL = Short to V+
-
-40
-
mA
VOH
Output Voltage Swing, HIGH
From VOUT to V+
RL = 10kΩ to V-
-20
45
mV
RL = 10kΩ to V-
--
50
mV
VOL
Output Voltage Swing, LOW
From V- to VOUT
RL = 10kΩ to V+
-
20
45
mV
RL = 10kΩ to V+
--
50
mV
5V AC SPECIFICATIONS OPERATIONAL AMPLIFIER
CIN
Input Capacitance
Differential
-
5.2
-
pF
Common Mode
-
5.6
-
pF
eN
Input Noise Voltage
f = 0.1Hz to 10Hz
-
0.25
-
µVP-P
f = 1kHz
-
10
-
nV/
√Hz
IN
Input Noise Current
f = 1kHz
-
200
-
fA/
√Hz
GBWP
Gain Bandwidth Product
-
3
-
MHz
Electrical Specifications V+ = 5V, V- = 0V, VIN+ = VIN- = VREF = 2.5V, TA = +25°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
Operating Specifications V+ = 2.5V, V- = 0V, VCM = 1.25V, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
2.5V DC SPECIFICATIONS INSTRUMENTATION AMPLIFIER
VOS, I
Input Stage Offset Voltage
+25°C
-5
±0.6
5
µV
-40°C to +85°C
-9
-
9
µV
-40°C to +125°C
-10
-
10
µV
TCVOS, I
Input Stage Offset Voltage Temperature
Coefficient
-40°C to +125°C
-50
±5
50
nV/°C
VOS, O
Output Stage Offset Voltage
+25°C
-15
±2
15
µV
-40°C to +85°C
-45
-
45
µV
-40°C to +125°C
-65
-
65
µV
TCVOS, O
Output Stage Offset Voltage
Temperature Coefficient
-40°C to +125°C
-0.5
±0.15
0.5
µV/°C
IB
Input Bias Current
+25°C
-400
±50
400
pA
-40°C to +85°C
-400
-
400
pA
-40°C to +125°C
-1
-
1
nA


Número de pieza similar - ISL28535FVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28535FVZ INTERSIL-ISL28535FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28535FVZ RENESAS-ISL28535FVZ Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

Descripción similar - ISL28535FVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28533 INTERSIL-ISL28533 Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com