Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1561IRZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL1561IRZ-T13
Descripción Electrónicos  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL1561
10
FN7941.1
February 26, 2013
General Description
The ISL1561 is a class G amplifier designed to reduce power
consumption in ADSL2+ and VDSL2 applications compared to
class AB. With the high PAR used for xDSL signals, a supply
voltage of +14V can be used for the majority of the small
amplitude cycles while boosting to a supply voltage of +28V can
be used for the few high amplitude cycles.
Digital Interface
A 12-bit serial port interface is used to program ISL1561. The
first bit defines the write (1’b1) and read (1’b0) operation to the
register. The following 3-bit calls the registers. The last 8-bit
programs the registers. Default start-up for ISL1561 is in disable
mode with boost and CS pins having internal pull ups and SCLK
and SDATA pins having internal pull downs. ISL1561 can only be
programmed through the SPI when CS is set low.
Register Listing
ADDRESS
FUNCTION
BIT
DESCRIPTION
3’h3
Setting of quiescent current of port AB
[7]
Boost disable
[6:0]
Program quiescent current of port AB.
3’h7
Setting of quiescent current of port CD
[7]
Boost disable
[6:0]
Program quiescent current of port CD.
FIGURE 27. 12 BITS SERIAL ADDRESSING DIAGRAM
FIGURE 28. 12 BITS SERIAL ADDRESSING DIAGRAM
CS
12
3
0
Z-HI
Z-HI
SCLK
SDATA
D[0]
ADDR[0:2]
CURRENT SETTING VALUE
D[1] D[2] D[3] D[4] D[5] D[6] D[7]
W/R
BN
B(N-1)
B(N-2)
B1
B0
SCLK
SDATA
LSB
MSB
t
tSD
tHD
ttr
tw
LOAD LSB FIRST, MSB LAST
tf
CS
tSC
tHC
tSC


Número de pieza similar - ISL1561IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Descripción similar - ISL1561IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com