Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL24202IRTZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL24202IRTZ-EVALZ
Descripción Electrónicos  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL24202IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL24202
5
FN7587.0
March 15, 2011
tH_REJ
CTL High Pulse Rejection Width
20
µs
tL_REJ
CTL Low Pulse Rejection Width
20
µs
tH_MIN
CTL High Minimum Valid Pulse Width
200
µs
tL_MIN
CTL Low Minimum Valid Pulse Width
200
µs
tMTC
CTL Minimum Time Between Counts
10
µs
VPROG
CTL EEPROM Program Voltage (see Figure 9)
4.9
19
V
tPROG
CTL EEPROM Programming Signal Time
200
µs
tH_PROP
CTL High-to-Mid to OUT Propagation Time
65
µs
tL_PROP
CTL Low-to-Mid to OUT Propagation Time
65
µs
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5). Typicals are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Número de pieza similar - ISL24202IRTZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Descripción similar - ISL24202IRTZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com