Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLJ150 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza SMLJ150
Descripción Electrónicos  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ150 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMLJ150 Datasheet HTML 1Page - Micro Commercial Components SMLJ150 Datasheet HTML 2Page - Micro Commercial Components SMLJ150 Datasheet HTML 3Page - Micro Commercial Components SMLJ150 Datasheet HTML 4Page - Micro Commercial Components SMLJ150 Datasheet HTML 5Page - Micro Commercial Components SMLJ150 Datasheet HTML 6Page - Micro Commercial Components SMLJ150 Datasheet HTML 7Page - Micro Commercial Components SMLJ150 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Mechanical Data
l
CASE: JEDEC DO-214AB molded plastic body over
passivated junction
l
Terminals: solderable per MIL-STD-750, Method 2026
l
Polarity: Color band denotes positive end( cathode) except
Bi-directional types.
l
Standard packaging: 16mm tape per ( EIA 481).
l
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us
waveform(Note1, Fig3)
IPPM
See Table 1 Amps
Peak Pulse Power
Disspation on 10/1000us
waveform(Note1,2,Fig1)
PPPM
Minimum
3000
Watts
Peak forward surge
current (JEDEC
Method) (Note 2,3)
IFSM)
200.0
Amps
Operation And Storage
Temperature Range
TJ,
TSTG
-55
oC to
+150
oC
NOTES:
1.
Non-repetitive current pulse per Fig.3 and derated above TA=25
oC per Fig.2.
2.
Mounted on 8.0mm
2 copper pads to each terminal.
3.
8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
SMLJ5.0
THRU
SMLJ170CA
Transient
Voltage Suppressor
5.0 to 170 Volts
3000 Watt
www.mccsemi.com
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.115
.121
2.92
3.07
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
0.060”
0.280"
0.121”
SUGGESTED SOLDER
PAD LAYOUT
G
H
E
D
F
A
B
C
DO-214AB
(SM
LJ) (LEAD FRAME)
l
For surface mount application in order to optimize board space
l
Low inductance
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Excellent clamping capability
l
Repetition Rate( duty cycle): 0.5%
l
Fast response time: typical less than 1ps from 0V to BV min
l
Typical ID less than 1uA above 10V
l
High temperature soldering: 2
50
oC/10 seconds at terminals
l
Plastic package has Underwrites Laboratory Flammability
Classification 94V-O
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Número de pieza similar - SMLJ150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
SMLJ150 MICROSEMI-SMLJ150 Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
List of Unclassifed Man...
SMLJ150 ETC2-SMLJ150 Datasheet
385Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
SMLJ150 MICROSEMI-SMLJ150 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
SMLJ150A MICROSEMI-SMLJ150A Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SMLJ150A BOURNS-SMLJ150A Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
More results

Descripción similar - SMLJ150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ28A-TP MCC-SMLJ28A-TP Datasheet
504Kb / 7P
   Transient Voltgae Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ440CA MCC-SMLJ440CA Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com