Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMBJ5376B Datasheet(PDF) 2 Page - Micro Commercial Components

No. de Pieza. SMBJ5376B
Descripción  5 Watt Surface Mount Silicon Zener Diodes
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo 

SMBJ5376B Datasheet(HTML) 2 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBG5333B
THRU
SMBG5388B
Features
Low profile package for surface mounting (flat handling
surface for accurate placement)
Zener Voltage 3.3V to 200V
High Surge Current Capability
For available tolerances – see note 1
Available on Tape and Reel (see EIA std RS-481)
Mechanical Data
Standard JEDEC outlines as shown
Terminals gull-wing or c-bend (modified J-bend) tin-lead plated
and solderable per MIL-STD-750, method 2026
Polarity is indicated by cathode band
Maximum temperature for soldering: 260
oC for 10 seconds.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Forward Voltage at 1.0A
Current
VF
1.2 Volts
Steady State Power
Dissipation
P(AV)
5 Watts
See note 2
Operating and Storage
Temperatures
TJ, TSTG
-55
oC to
+ 150
oC
Thermal Resistance
RθJL
25
oC/W
5 Watt
Surface Mount
Silicon
Zener Diodes
Notes
1. Mounted on copper pads as shown below.
2.
Lead temperature at 25
oC = TL at mounting plane. Derate
linearly above 25
oC to zero power at 150 oC
www.mccsemi.com
 


 !"#
$%    !"#
MCC
0.070”
0.190"
0.125”
Gull Wing
PAD LAYOUT
DO-215AA
(SMBG) (Round Lead)
G
H
J
E
F
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.116
1.90
2.95
B
.078
.087
1.98
2.21
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.015
.03
.38
.76
F
.065
.084
1.65
2.13
G
.245
.276
6.22
7.00
H
.160
.180
4.06
4.57
J
.130
.151
3.30
3.83


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMBG5333B5 Watt Surface Mount Silicon Zener Diodes 1 2 3 Microsemi Corporation
SMBG5913SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT 1 2 Microsemi Corporation
MMSZ5221BSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
SZ553JSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
SZ603DSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
MMSZ5221BSSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
SZ653DSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
ZMM1-2PSurface mount Silicon Planar Zener Diodes 1 2 3 Diotec Semiconductor
SMBJ5946B1.5W SILICON SURFACE MOUNT ZENER DIODES 1 2 Jinan Gude Electronic Device
BZT52CSSURFACE MOUNT SILICON ZENER DIODES 1 2 3 Continental Device India Limited

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn