Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3673AR Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza 1N3673AR
Descripción Electrónicos  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3673AR Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3673AR Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3673AR Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3673AR Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 800 V - 1000 V
IF = 12 A
Features
• High Surge Capability
DO-4 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
1N3673A (R)
• Types from 800 V to 1000 V VRRM
1N3671A (R)
800
560
800
1000
700
1000
2. Reverse polarity (R): Stud is anode.
1N3671A thru 1N3673AR
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Silicon Standard
Recovery Diode
Conditions
DC blocking voltage
VDC
V
Continuous forward current
IF
A
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Diode forward voltage
μA
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
°C/W
-55 to 150
1N3671A (R)
1N3673A (R)
1.1
1.1
-55 to 150
-55 to 150
A
800
12
240
1000
12
240
IR
VF
VR = 50 V, Tj = 25 °C
IF = 12 A, Tj = 25 °C
TC ≤ 150 °C
Conditions
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
TC = 25 °C, tp = 8.3 ms
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
-55 to 150
Reverse current
VR = 50 V, Tj = 175 °C
V
10
15
10
15
2.00
2.00
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Número de pieza similar - 1N3673AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3673AR MICROSEMI-1N3673AR Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
logo
List of Unclassifed Man...
1N3673AR ETC2-1N3673AR Datasheet
449Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
1N3673AR GENESIC-1N3673AR Datasheet
781Kb / 3P
   Silicon Standard Recovery Diode
1N3673AR GENESIC-1N3673AR Datasheet
773Kb / 3P
   Silicon Standard Recovery Diode
More results

Descripción similar - 1N3673AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com