Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3768R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza 1N3768R
Descripción Electrónicos  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3768R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3768R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3768R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3768R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 700 V - 1000 V
IF = 35 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N3765 (R) 1N3766 (R)
Unit
Repetitive peak reverse voltage
VRRM
700
800
V
RMS reverse voltage
VRMS
490
560
V
DC blocking voltage
VDC
700
800
V
2. Reverse polarity (R): Stud is anode.
1N3765 thru 1N3768R
1N3768 (R)
900
630
1N3767 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
• Types from 700 V to 1000 V VRRM
Silicon Standard
Recovery Diode
Conditions
1000
700
1000
900
DC blocking voltage
VDC
700
800
V
Continuous forward current
IF
35
35
A
Operating temperature
Tj
-55 to 150 -55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
°C
Parameter
Symbol
1N3765 (R) 1N3766 (R)
Unit
Diode forward voltage
1.2
1.2
10
10
μA
10
10
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.25
0.25
°C/W
35
10
A
475
Reverse current
IR
VF
475
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
VR = 50 V, Tj = 25 °C
IF = 35 A, Tj = 25 °C
TC ≤ 140 °C
Conditions
475
475
-55 to 150
35
-55 to 150
1N3768 (R)
10
10
1N3767 (R)
0.25
VR = 50 V, Tj = 140 °C
0.25
1.2
1.2
10
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
1000
900
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Número de pieza similar - 1N3768R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3768R MICROSEMI-1N3768R Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
1N3768R MICROSEMI-1N3768R Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
logo
GeneSiC Semiconductor, ...
1N3768R GENESIC-1N3768R Datasheet
728Kb / 3P
   Silicon Standard Recovery Diode
1N3768R GENESIC-1N3768R Datasheet
768Kb / 3P
   Silicon Standard Recovery Diode
More results

Descripción similar - 1N3768R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com