Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54405IRUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL54405IRUZ-T
Descripción Electrónicos  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IRUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54405IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2008, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and
Pop Elimination
ISL54405
The Intersil ISL54405 is a single supply, bidirectional, dual
single-pole/double-throw (SPDT) ultra low distortion, high
OFF-Isolation analog switch that can pass analog signals that
are positive and negative with respect to ground. It is primarily
targeted at consumer and professional audio switching
applications such as computer sound cards and home theater
products. The inputs can accommodate ground referenced
signals up to 2VRMS while operating from a single 3.3V or 5V DC
supply. The digital logic inputs are 1.8V logic-compatible when
using a single 3.3V or 5V supply. It can be used in both AC or DC
coupled ground referenced applications.
The ISL54405 features a soft-switch feature and click/pop
circuitry at each signal pin that eliminates clicks and pops
associated with power-up/down conditions of the preceding
amplifier outputs.
With -106dB THD+N performance with a 2VRMS signal into
20k
 load, superior signal muting, high PSRR and very flat
frequency response, the ISL54405 meets the exacting
requirements of consumer and professional audio engineers.
The ISL54405 is available in 16 Ld TSSOP, 16 Ld 3mmx3mm
TQFN, and 16 Ld 2.6mmx1.8mm µTQFN packages. It’s specified
for operation over the -40°C to +85°C temperature range.
Related Literature
• TB363 “Guidelines for Handling and Processing Moisture
Sensitive Surface Mount Devices (SMDs)”
• AN557 “Recommended Test Procedures for Analog
Switches”
Features
• Clickless audio switching
•2 switches
• Switch type SPDT or 2 to 1 MUX
•2VRMS signal switching from 3.3V or 5V supply
• -106dB THD+N into 20k
 load at 2VRMS
• -108dB THD+N into 32
 load at 3.9mW
• Signal to noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >124dBV
• ±0.01dB insertion loss at 1kHz, 20k
 load
• ±0.007dB gain variation 20Hz to 20kHz
• 125dB signal muting into 20k
 load
• 90dB PSRR 20Hz to 20kHz
• Single supply operation . . . . . . . . . . . . . . . . . . . . . . . . . 3.3V or 5V
• Available in 16 Ld TSSOP, 16 Ld TQFN, and 16 Ld µTQFN
• Pb-Free (RoHS compliant)
Applications
• Computer sound cards
• Home theater audio products
•SACD/DVD audio
• DVD player audio output switching
• Headsets for MP3/cellphone switching
• Hi-Fi audio switching application
FIGURE 1. ISL54405 BLOCK DIAGRAM
LOGIC
ISL54405
SEL
MUTE
L
R
L1
L2
R1
R2
CAP_SS
VDD
5V_Supply
For 5V operation connect the 5V_Supply pin to 5V and float the
VDD pin. For 3.3V operation connect the VDD pin to 3.3V and float
GND
AC/DC
the 5V_Supply pin.
DIR_SEL
CONTROL
AND
CLICK/POP
May 6, 2014
FN6699.2


Número de pieza similar - ISL54405IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54405IRUZ-T INTERSIL-ISL54405IRUZ-T Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Renesas Technology Corp
ISL54405IRUZ-T RENESAS-ISL54405IRUZ-T Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

Descripción similar - ISL54405IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com