Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55210IRTZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL55210IRTZ-T7
Descripción Electrónicos  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55210IRTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL55210
4
FN7811.2
June 6, 2013
DC PERFORMANCE
Open-loop Voltage Gain (AOL)Differential
86
100
dB
*
Input Offset Voltage
TA = +25°C
-1.4
±0.1
+1.4
mV
*
TA = -40°C to +85°C
-1.6
±0.1
+1.6
mV
Average Offset Voltage Drift
TA = -40°C to +85°C
±3
µV/°C
Input Bias Current
TA = +25°C, positive current into the pin
+50
+120
µA
*
TA = -40°C to +85°C
+50
+140
µA
Average Bias Current Drift
TA = -40°C to +85°C
+200
nA/°C
Input Offset Current
TA = +25°C
-5
±1
+5
µA
*
TA = -40°C to +85°C
-6
±1
+6
µA
Average Offset Current Drift
TA = -40°C to +85°C
±8
nA/°C
INPUT
Common-mode Input Range High
1.7
V
*
Common-mode Input Range Low
1.1
V
*
Common-mode Rejection Ratio
f < 10MHz, common mode to differential
output
56
75
dB
*
Differential Input Impedance
1
|| 2kΩ || pF
OUTPUT
Maximum Output Voltage
Each output (with 200Ω differential load)
Linear Operation
2.15
2.35
V
*
Minimum Output Voltage
0.45
0.63
V
*
Differential Output Voltage Swing
TA = +25°C
3.04
3.8
VP-P
*
TA = -40°C to +85°C
2.95
V
Differential Output Current Drive
RL = 10Ω [sourcing or sinking]
40
45
mA
*
Closed-loop Output Impedance
f < 10MHz, differential
0.6
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal Bandwidth
From VCM pin to Output VCM
30
MHz
Slew Rate
Rising/Falling
150
V/µs
Gain
VCM input pin 1.0V to 1.4V
0.995
0.999
V/V
*
Output Common-Mode Offset from CM Input
-8
±1
+8
mV
*
CM Default Voltage
Output VCM with VCM pin floating
1.18
1.2
1.22
V
*
CM Input Bias Current
At control pin
2
µA
CM Input Voltage Range
At control pin
0.9
1.9
V
*
CM Input Impedance
At control pin
15
|| 50
kΩ
|| pF
POWER SUPPLY
Specified Operation Voltage
3
3.3
4.2
V
Quiescent Current
TA = +25°, VS+ = 3.3V, VS- = 0V
33
35
37
mA
*
TA = -40°C to +85°C
30.5
36
39.5
mA
Power-supply Rejection (PSRR) VS+
3.0V - 4.5V range
56
90
dB
*
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RF = 200Ω, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
(Note 7)


Número de pieza similar - ISL55210IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Renesas Technology Corp
ISL55210IRTZ-T7 RENESAS-ISL55210IRTZ-T7 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
More results

Descripción similar - ISL55210IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com