Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55211IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL55211IRTZ
Descripción Electrónicos  Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55211IRTZ Datasheet HTML 1Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 2Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 3Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 4Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 5Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL55211
5
FN7868.0
June 21, 2011
Power-down Quiescent Current
TA = +25°C
0.2
0.3
0.4
mA
*
TA = -40°C to +85°C
0.15
0.45
mA
Input Bias Current
PD = 0V, current positive into pin
-5
1
+5
µA
Input Impedance
2
|| 5MΩ || pF
Turn-on Time Delay
Measured to output on
200
ns
Turn-off Time Delay
Measured to output off
400
ns
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
FIGURE 2. INTENDED CONFIGURATION
+
-
500
500
RG
RG
1:n
50
INPUT
ISL55211
VI
VO
RT
TABLE 1. ISL55211 INTENDED TRANSFORMER + INTERNAL GAIN
SETTINGS
INPUT
XFMR
TURNS
RATIO
INTERNAL
RG VALUE
(
Ω)
GAIN (V/V)
VO/VI
GAIN (dB)
VO/VI
RT VALUE (Ω)
TO GET 50
Ω
MATCH
1:1.4
250
2.8
9
122
1:1.4
125
5.6
15
162
1:1.4
100
7
17
192
1:2
250
4
12
333
1:2
125
8
18
1020
1:2
100
10
20
Open


Número de pieza similar - ISL55211IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Renesas Technology Corp
ISL55211IRTZ RENESAS-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211IRTZ-EVAL1Z INTERSIL-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Renesas Technology Corp
ISL55211IRTZ-EVAL1Z RENESAS-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Descripción similar - ISL55211IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com