Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59424IRZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL59424IRZ-T13
Descripción Electrónicos  1GHz Triple Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IRZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59424IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7456.3
September 30, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-On Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 5) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical, Notes 6, 7)
θJA (°C/W) θJC (°C/W)
24 Ld QFN . . . . . . . . . . . . . . . . . . . . . .
46
10
32 Ld QFN . . . . . . . . . . . . . . . . . . . . . .
46
10
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, VIN = 1VP-P & RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IS Enabled
Enabled Supply Current (ISL59424)
No load, VIN = 0V, Enable Low, IS+
353943
mA
No load, VIN = 0V, Enable Low, IS-
-40
-36
-32
mA
Enabled Supply Current (ISL59445)
No load, VIN = 0V, Enable Low, IS+
475360
mA
No load, VIN = 0V, Enable Low, IS-
-57
-50
-44
mA
+IS Disabled
Disabled Supply Current
Enable High, IS+
234
mA
Enable High, IS--50
0
-
µA
Ib
Input Bias Current
VIN = 0
-3.4
-2.2
-1.4
µA
ITRI
Bias current into output, HIZ mode
ISL59424 - VOUT = +5V
8
15
22
µA
ISL59445 - VOUT = 0V
-35
0
35
µA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V
±3.2
±3.4
-
V
IOUT
Output Current
RL = 10Ω to GND
±80
±130
-
mA
VOS
Offset Voltage
-13
3
13
mV
ROUT
HIZ Output Resistance
HIZ = Logic High
-
1.0
-
M
Ω
ROUT
Enabled Output Resistance
HIZ = Logic Low
-
0.2
-
Ω
RIN
Input Resistance
VIN = ±3.5V
-
10
-
M
Ω
ACL or AV
Voltage Gain
VIN = ±1.5V
0.98
0.99
1.0
V/V
LOGIC
VIH
Input High Voltage (Logic Inputs)
2
-
-
V
VIL
Input Low Voltage (Logic Inputs)
-
-
0.8
V
IIH
Input High Current (Logic Inputs)
VH = 5V
235
270
320
µA
IIL
Input Low Current (Logic Inputs)
VL = 0V
-
1
3
µA
AC GENERAL
PSRR
Power Supply Rejection Ratio
(ISL59424)
DC, PSRR V+ and V- combined
60
73
-
dB
Power Supply Rejection Ratio
(ISL59445)
DC, PSRR V+ and V- combined
50
57
-
dB
ISL59424, ISL59445


Número de pieza similar - ISL59424IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
More results

Descripción similar - ISL59424IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com