Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2575-5.0BU Datasheet(PDF) 7 Page - Micrel Semiconductor

No. de pieza LM2575-5.0BU
Descripción Electrónicos  52kHz Simple 1A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-5.0BU Datasheet(HTML) 7 Page - Micrel Semiconductor

  LM2575-5.0BU Datasheet HTML 1Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 2Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 3Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 4Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 5Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 6Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 7Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 8Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
April 2005
7
M9999-042205
LM2575
Micrel, Inc.
LM2575
+
100 µF
+VIN
1
3
GND
5
ON/OFF
2
OUTPUT
4
FEEDBACK
L1
330 µH
+
D1
MBR360
COUT
470µF
R2
R1
VOUT
5.00V
7V - 40V
UNREGULATED
DC INPUT
CIN
L
O
A
D
CIN — 100µF, 75V Aluminum Electrolytic
COUT — 470µF, 15V Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 330µH, 415-0926 (AIE)
R1 — 1k, 0.01%
R2 — 3.065k, 0.01%
5-pin TO-220 socket—2936 (Loranger Mfg. Co.)
4-pin TO-3 socket—8112-AG7 (Augat Inc.)
LM2575-5.0
+
100 µF
+VIN
1
3
GND
5
ON/OFF
2
OUTPUT
4
FEEDBACK
L1
330 µH
+
D1
MBR360
COUT
220µF
VOUT
5.00V
Note: Pin numbers are for TO-220 Package
7V - 40V
UNREGULATED
DC INPUT
CIN
CIN — 100µF, 75V Aluminum Electrolytic
COUT — 330µF, 15V Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 330µH, 415-0926 (AIE)
5-pin TO-220 socket—2936 (Loranger Mfg. Co.)
4-pin TO-3 socket—8112-AG7 (Augat Inc.)
L
O
A
D
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUTPUT
DRIVER
+
-
+
-
VIN
FEED-
BACK
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
Note: Pin numbers are for the TO-220 package
INTERNAL
REGULATOR
ON/OFF
GND
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUTPUT
DRIVER
+
-
+
-
VIN
FEED-
BACK
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
4
INTERNAL
REGULATOR
ON/OFF
GND
3.1k
1.0k
4
Typical Performance Characteristics (Circuit of Figure 1)
Block Diagrams
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients
which can cause problems. For minimal stray inductance and ground loops, the length of the leads indicated by heavy lines should be kept as
short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results.
Switching Waveforms
10V
0
1A
0
1A
.5A
0
A
B
C
D
Load Transient Response
100µS/div.
+100mV
0
–100mV
Output
Voltage
Change
1.0A
0.5A
0
Output
Current
VOUT = 5V
A: Output pin voltage 10V/div
B: Output pin current 1A/div
C: Inductor current 0.5A/div
D: Output ripple voltage 20 mV/div. AC coupled
Horizontal Time Base: 5µs/div
VOUT = 5V VIN = 20V
Fixed Regulator
Adjustable Regulator
Test Circuits and Layout Guidelines
Figure 1.


Número de pieza similar - LM2575-5.0BU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
LM2575-5.0BU MICREL-LM2575-5.0BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BU MICREL-LM2575-5.0BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Descripción similar - LM2575-5.0BU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com