Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC327G-XX-T92-K Datasheet(PDF) 4 Page - Unisonic Technologies

No. de pieza BC327G-XX-T92-K
Descripción Electrónicos  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC327G-XX-T92-K Datasheet(HTML) 4 Page - Unisonic Technologies

  BC327G-XX-T92-K Datasheet HTML 1Page - Unisonic Technologies BC327G-XX-T92-K Datasheet HTML 2Page - Unisonic Technologies BC327G-XX-T92-K Datasheet HTML 3Page - Unisonic Technologies BC327G-XX-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BC327/328
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R201-038.B
TYPICAL CHARACTERISTICS(Cont.)
-0.1
-10
-100
-1000
Base-Emitter On Voltage, VBE (V)
Figure 5. Base-Emitter On Voltage
-0.4
VCE=-1V
PULSE
-0.5 -0.6
-0.8
-0.9
-1
-0.7
10
100
1000
Collector Current, IC (mA)
Figure 6. Gain Bandwidth Product
-1
VCE=-0.5V
-1000
-100
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Número de pieza similar - BC327G-XX-T92-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC327G-XX-T92-K UTC-BC327G-XX-T92-K Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Descripción similar - BC327G-XX-T92-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC548 UTC-BC548_15 Datasheet
199Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com