Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS2994 Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS2994
Descripción Electrónicos  Automatic power-down on loss of signal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2994 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS2994 Datasheet HTML 2Page - Gennum Corporation GS2994 Datasheet HTML 3Page - Gennum Corporation GS2994 Datasheet HTML 4Page - Gennum Corporation GS2994 Datasheet HTML 5Page - Gennum Corporation GS2994 Datasheet HTML 6Page - Gennum Corporation GS2994 Datasheet HTML 7Page - Gennum Corporation GS2994 Datasheet HTML 8Page - Gennum Corporation GS2994 Datasheet HTML 9Page - Gennum Corporation GS2994 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GS2994 GS2994 Adaptive Cable Equalizer
Data Sheet
53967 - 4
August 2012
6 of 20
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage - Core
-0.5V to +3.6V DC
Supply Voltage - Output Driver
-0.5V to +3.6V DC
Input ESD Voltage (HBM)
5kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC_A +0.3)V
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage - Core
VCC_A
3.135
3.3
3.465
V
Supply Voltage - Output
Driver
VCC_O
1.14
1.2
1.26
V
1
2.375
2.5
2.625
V
1
3.135
3.3
3.465
V
1
Power Consumption
PD
TA = 25°C
VCC_O = 1.2V
ΔVSDO =
400mV
–167
mW
2
TA = 25°C
VCC_O = 1.2V
ΔVSDO =
800mV
–179
mW
2
TA = 25°C
VCC_O = 3.3V
ΔVSDO =
400mV
–191
mW
2
TA = 25°C
VCC_O = 3.3V
ΔVSDO =
800mV
–223
mW
2


Número de pieza similar - GS2994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2994 SEMTECH-GS2994 Datasheet
1Mb / 20P
   GS2994 Adaptive Cable Equalizer
More results

Descripción similar - GS2994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com